Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HCT158B1R Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HCT158B1R
Description  QUAD 2 CHANNEL MULTIPLEXER (INV.)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT158B1R Datasheet(HTML) 4 Page - STMicroelectronics

  M74HCT158B1R Datasheet HTML 1Page - STMicroelectronics M74HCT158B1R Datasheet HTML 2Page - STMicroelectronics M74HCT158B1R Datasheet HTML 3Page - STMicroelectronics M74HCT158B1R Datasheet HTML 4Page - STMicroelectronics M74HCT158B1R Datasheet HTML 5Page - STMicroelectronics M74HCT158B1R Datasheet HTML 6Page - STMicroelectronics M74HCT158B1R Datasheet HTML 7Page - STMicroelectronics M74HCT158B1R Datasheet HTML 8Page - STMicroelectronics M74HCT158B1R Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M74HCT158
4/9
DC SPECIFICATIONS
* : Applicable only to DIR, G, G input
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5
to
5.5
2.0
2.0
2.0
V
VIL
Low Level Input
Voltage
4.5
to
5.5
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-20 µA
4.4
4.5
4.4
4.4
V
IO=-4.0 mA
4.18
4.31
4.13
4.10
VOL
Low Level Output
Voltage
4.5
IO=20 µA
0.0
0.1
0.1
0.1
V
IO=4.0 mA
0.17
0.26
0.33
0.40
II
Input Leakage
Current
5.5
VI = VCC or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
440
80
µA
∆ I
CC
Additional Worst
Case Supply
Current
5.5
Per Input pin
VI = 0.5V or
VI = 2.4V
Other Inputs at
VCC or GND
IO = 0
2.0
2.9
3.0
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
4.5
8
151922
ns
tPLH tPHL Propagation Delay
Time (A, B - Y)
4.5
16
25
31
38
ns
tPLH tPHL Propagation Delay
Time (SELECT - Y)
4.5
19
30
38
45
ns
tPLH tPHL Propagation Delay
Time (STROBE -Y)
4.5
17
27
34
41
ns


Similar Part No. - M74HCT158B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT158 STMICROELECTRONICS-M74HCT158 Datasheet
250Kb / 11P
   HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
More results

Similar Description - M74HCT158B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT158 STMICROELECTRONICS-74ACT158 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER INV.
May 1997
74ACT158 STMICROELECTRONICS-74ACT158_01 Datasheet
227Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER (INV.)
74AC158 STMICROELECTRONICS-74AC158 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER INV.
May 1997
M54HC157 STMICROELECTRONICS-M54HC157 Datasheet
251Kb / 11P
   HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
M74HCT157 STMICROELECTRONICS-M74HCT157 Datasheet
250Kb / 11P
   HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com