Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS48F4400PWY00 Datasheet(PDF) 6 Page - Numonyx B.V

Part # JS48F4400PWY00
Description  Numonyx Wireless Flash Memory (W18)
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PWY00 Datasheet(HTML) 6 Page - Numonyx B.V

Back Button JS48F4400PWY00 Datasheet HTML 2Page - Numonyx B.V JS48F4400PWY00 Datasheet HTML 3Page - Numonyx B.V JS48F4400PWY00 Datasheet HTML 4Page - Numonyx B.V JS48F4400PWY00 Datasheet HTML 5Page - Numonyx B.V JS48F4400PWY00 Datasheet HTML 6Page - Numonyx B.V JS48F4400PWY00 Datasheet HTML 7Page - Numonyx B.V JS48F4400PWY00 Datasheet HTML 8Page - Numonyx B.V JS48F4400PWY00 Datasheet HTML 9Page - Numonyx B.V JS48F4400PWY00 Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
6
Order Number: 290701-18
10/10/02
-005
Various text edits
Updated Latency Count Section, including adding Latency Count Tables
Added section 8.4 WAIT Function and WAIT Summary Table
Updated Package Drawing and Dimensions
11/12/02
-006
Various text clarifications
01/14/03
-007
Removed Numonyx Burst Order
Revised Table 10 “DC Current Characteristics”
Various text edits
03/21/03
-008
Revised Table 22, Read Operations, tAPA
Added note to table 15, Configuration Register Descriptions
Added note to section 3.1.1, Read
12/17/03
-009
Updated Block-Lock Operations (Section 7.1 and Figure 11)
Updated Table 21 (128 Mb ICCR)
Updated Table 4 (WAIT behavior)
Added QUAD+ ballout, package mechanicals, and order information
Various text edits including latest product-naming convention
02/12/04
-010
Added 90 nm product line; Removed µBGA* package
Added Page- and Burst-Mode descriptions; Minor text edits
05/06/04
-011
Fixed omitted text for Table 21, note 1 regarding max DC voltage on I/O pins
Removed Extended I/O Supply Voltage for 90 nm products
Minor text edits
06/03/04
-012
Updated the title and layout of the datasheet
06/29/04
-013
VCCQ Max. changed for 90 nm products
Updated “Absolute Maximum Ratings” table
Typical ICCS updated as 35 μA
Updated subtitle
01/21/05
-014
Typical ICCS updated as 22 μA
Minor text edits
07-Dec-2005
-015
Typical 90nm APS updated to 22 µA in Table 11, “DC Current Characteristics” on page 23.
Updated 90nm VLKO to 0.7 V in Table 12, “DC Voltage Characteristics” on page 24.
Product ordering information updated.
December 2006
016
Added line item RD48F1000W0YTQ0 and RD48F1000W0YBQ0, in QUAD+ ballout, 10x8x1.2
package.
Removed extended range voltage specifications that are no longer supported.
Removed tAVQV/tCHQV 80ns/14ns; Applied new template/format.
August 2007
017
Updated ordering information
November 2007
18
Applied Numonyx branding.
Date
Revision
Description


Similar Part No. - JS48F4400PWY00

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
JS48F4400P0P0C0 NUMONYX-JS48F4400P0P0C0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
JS48F4400P0P0Q0 NUMONYX-JS48F4400P0P0Q0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
JS48F4400P0P0W0 NUMONYX-JS48F4400P0P0W0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
JS48F4400P0P3C0 NUMONYX-JS48F4400P0P3C0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
JS48F4400P0P3Q0 NUMONYX-JS48F4400P0P3Q0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
More results

Similar Description - JS48F4400PWY00

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
   Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
   Numonyx Axcell P30-65nm Flash Memory
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com