Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC48F4400P0Y00 Datasheet(PDF) 5 Page - Numonyx B.V

Part # RC48F4400P0Y00
Description  Numonyx Wireless Flash Memory (W18)
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

RC48F4400P0Y00 Datasheet(HTML) 5 Page - Numonyx B.V

  RC48F4400P0Y00 Datasheet HTML 1Page - Numonyx B.V RC48F4400P0Y00 Datasheet HTML 2Page - Numonyx B.V RC48F4400P0Y00 Datasheet HTML 3Page - Numonyx B.V RC48F4400P0Y00 Datasheet HTML 4Page - Numonyx B.V RC48F4400P0Y00 Datasheet HTML 5Page - Numonyx B.V RC48F4400P0Y00 Datasheet HTML 6Page - Numonyx B.V RC48F4400P0Y00 Datasheet HTML 7Page - Numonyx B.V RC48F4400P0Y00 Datasheet HTML 8Page - Numonyx B.V RC48F4400P0Y00 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
5
Numonyx™ Wireless Flash Memory (W18)
Revision History
Date
Revision
Description
09/13/00
-001
Initial Release
01/29/01
-002
Deleted 16-Mbit density
Revised ADV#, Section 2.2
Revised Protection Registers, Section 4.16
Revised Program Protection Register, Section 4.18
Revised Example in First Access Latency Count, Section 5.0.2
Revised Figure 5, Data Output with LC Setting at Code 3
Added WAIT Signal Function, Section 5.0.3
Revised WAIT Signal Polarity, Section 5.0.4
Revised Data Output Configuration, Section 5.0.5
Added Figure 7, Data Output Configuration with WAIT Signal Delay
Revised WAIT Delay Configuration, Section 5.0.6
Changed VCCQ Spec from 1.7 V – 1.95 V to 1.7 V – 2.24 V in Section 8.2, Extended Temperature
Operation
Changed ICCS Spec from 15 µA to 18 µA in Section 8.4, DC
Characteristics
Changed ICCR Spec from 10 mA (CLK = 40 MHz, burst length = 4) and 13 mA (CLK = 52 MHz,
burst length = 4) to 13 mA, and 16 mA respectively in Section 8.4, DC Characteristics
Changed ICCWS Spec from 15 µA to 18 µA in Section 8.4, DC
Characteristics
Changed ICCES Spec from 15 µA to 18 µA in Section 8.4, DC
Characteristics
Changed tCHQX Spec from 5 ns to 3 ns in Section 8.6, AC Read
Characteristics
Added Figure 25, WAIT Signal in Synchronous Non-Read Array Operation Waveform
Added Figure 26, WAIT Signal in Asynchronous Page Mode Read
Operation Waveform
Added Figure 27, WAIT Signal in Asynchronous Single Word Read
Operation Waveform
Revised Appendix E, Ordering Information
06/12/01
-003
Revised entire Section 4.10, Enhanced Factory Program Command (EFP) and Figure 6,
Enhanced Factory Program Flowchart
Revised Section 4.13, Protection Register
Revised Section 4.15, Program Protection Register
Revised Section 7.3, Capacitance, to include 128-Mbit specs
Revised Section 7.4, DC Characteristics, to include 128-Mbit specs
Revised Section 7.6, AC Read Characteristics, to include 128-Mbit device specifications
Added tVHGL Spec in Section 7.6, AC Read Characteristics
Revised Section 7.7, AC Write Characteristics, to include 128-Mbit device specifications
Minor text edits
04/05/02
-004
New Sections Organization
Added 16-Word Burst Feature
Added Burst Suspend Section
Revised Block Locking State Diagram
Revised Active Power Section, Automatic Power Savings (APS) Section and Power-Up/Down
Operation Section
Revised Extended Temperature Operation
Added 128 Mb DC Characteristics Table and AC Read Characteristics Table
Revised Table 17. Test Configuration Component Values for Worst Case Speed Conditions
Added 0.13 µm Product DC and AC Read Characteristics
Revised AC Write Characteristics
Added Read to Write and Write to Read Transition Waveforms
Revised Reset Specifications
Various text edits


Similar Part No. - RC48F4400P0Y00

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
RC48F4400P0T1B0 NUMONYX-RC48F4400P0T1B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
RC48F4400P0T1U0 NUMONYX-RC48F4400P0T1U0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
RC48F4400P0T1V0 NUMONYX-RC48F4400P0T1V0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
RC48F4400P0TBB0 NUMONYX-RC48F4400P0TBB0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
RC48F4400P0TBU0 NUMONYX-RC48F4400P0TBU0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
More results

Similar Description - RC48F4400P0Y00

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
   Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
   Numonyx Axcell P30-65nm Flash Memory
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com