Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC48F4400PMXC0 Datasheet(PDF) 1 Page - Numonyx B.V

Part # PC48F4400PMXC0
Description  Numonyx Wireless Flash Memory (W18)
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PMXC0 Datasheet(HTML) 1 Page - Numonyx B.V

  PC48F4400PMXC0 Datasheet HTML 1Page - Numonyx B.V PC48F4400PMXC0 Datasheet HTML 2Page - Numonyx B.V PC48F4400PMXC0 Datasheet HTML 3Page - Numonyx B.V PC48F4400PMXC0 Datasheet HTML 4Page - Numonyx B.V PC48F4400PMXC0 Datasheet HTML 5Page - Numonyx B.V PC48F4400PMXC0 Datasheet HTML 6Page - Numonyx B.V PC48F4400PMXC0 Datasheet HTML 7Page - Numonyx B.V PC48F4400PMXC0 Datasheet HTML 8Page - Numonyx B.V PC48F4400PMXC0 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
Order Number: 290701-18
November 2007
Numonyx™ Wireless Flash Memory (W18)
Datasheet
Product Features
High Performance Read-While-Write/Erase
— Burst frequency at 66 MHz
(zero wait states)
—60 ns Initial access read speed
— 11 ns Burst mode read speed
— 20 ns Page mode read speed
— 4-, 8-, 16-, and Continuous-Word Burst
mode reads
— Burst and Page mode reads in all Blocks,
across all partition boundaries
— Burst Suspend feature
— Enhanced Factory Programming at 3.1 µs/
word
Security
—128-Bit OTP Protection Register:
64 unique pre-programmed bits +
64 user-programmable bits
— Absolute Write Protection with VPP at ground
— Individual and Instantaneous Block Locking/
Unlocking with Lock-Down Capability
Quality and Reliability
—Temperature Range: –40 °C to +85 °C
— 100K Erase Cycles per Block
— 90 nm ETOX™ IX Process
— 130 nm ETOX™ VIII Process
Architecture
— Multiple 4-Mbit partitions
— Dual Operation: RWW or RWE
— Parameter block size = 4-Kword
— Main block size = 32-Kword
— Top or bottom parameter devices
—16-bit wide data bus
Software
— 5 µs (typ.) Program and Erase Suspend
latency time
— Flash Data Integrator (FDI) and Common
Flash Interface (CFI) Compatible
— Programmable WAIT signal polarity
Packaging and Power
— 90 nm: 32- and 64-Mbit in VF BGA
— 130 nm: 32-, 64-, and 128-Mbit in VF BGA
— 130 nm: 128-Mbit in QUAD+ package
— 56 Active Ball Matrix, 0.75 mm Ball-Pitch
—VCC = 1.70 V to 1.95 V
—VCCQ (90 nm) = 1.7 V to 1.95 V
—VCCQ (130 nm) = 1.7 V to 2.24 V or 1.35 V
to 1.80 V
—VCCQ (130 nm) = 1.35 V to 2.24 V
— Standby current (130 nm): 8 µA (typ.)
— Read current: 8 mA (4-word burst, typ.)


Similar Part No. - PC48F4400PMXC0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PC48F4400P0T1B0 NUMONYX-PC48F4400P0T1B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0T1U0 NUMONYX-PC48F4400P0T1U0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0T1V0 NUMONYX-PC48F4400P0T1V0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0TBB0 NUMONYX-PC48F4400P0TBB0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0TBU0 NUMONYX-PC48F4400P0TBU0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
More results

Similar Description - PC48F4400PMXC0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
   Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
   Numonyx Axcell P30-65nm Flash Memory
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com