Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLVD112 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLVD112
Description  HIGH SPEED PROTECTION SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD112 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLVD112 Datasheet HTML 3Page - STMicroelectronics STLVD112 Datasheet HTML 4Page - STMicroelectronics STLVD112 Datasheet HTML 5Page - STMicroelectronics STLVD112 Datasheet HTML 6Page - STMicroelectronics STLVD112 Datasheet HTML 7Page - STMicroelectronics STLVD112 Datasheet HTML 8Page - STMicroelectronics STLVD112 Datasheet HTML 9Page - STMicroelectronics STLVD112 Datasheet HTML 10Page - STMicroelectronics STLVD112 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STLVD112
7/11
AC LVDS IN LVTTL OUT (Over recommended operating conditions, unless otherwise noted. All typical
values are at TA=25°C and VS1,VS2 =3.3V)
LVTTL IN LVTTL OUT (VCC =3 to 3.6V TA = -45 to 80°C, unless otherwise noted. Typical values are at
TA =25°C)
LVTTL IN LVDS OUT (Over recommended operating conditions, unless otherwise noted. All typical
values are at TA=25°C and VS1,VS2 =3.3V)
LVDS IN LVTTL OUT (Over recommended operating conditions, unless otherwise noted. All typical
values are at TA=25°C and VS1,VS2 =3.3V)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tPLH
Propagation Delay Time, low-to-high-
level output (50% to 50%)
VDIFF = 400mV
Measured with VICM =1.2 V,
fCLOCK = 1MHz, fDATA = 0.5MHz
tr =tf = 0.4ns, +Duty Cycle=50%
tPHL,tPLH are referred to output
clock transitions
4.3
5.6
6.9
ns
tPHL
Propagation Delay Time, high-to-low-
level output (50% to 50%)
4.1
5.4
6.7
ns
tTLH
Transition Time, low-to-high-level
output (10% to 90%)
0.7
0.9
1.1
ns
tTHL
Transition Time, high-to-low-level
output (90% to 10%)
0.8
1.0
1.3
ns
fopr
Operative frequency
100
155
200
MHz
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
ts
Setup Time
f = 10MHz, VICM = 1.2 V
VDIFF = 400mV,
VINTTL = 0 to 2.5V
1ns
tH-
Hold Time
1
ns
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
ts
Setup Time
f = 10MHz, VICM = 1.2 V
VDIFF = 400mV,
VINTTL = 0 to 2.5V
1ns
tH-
Hold Time
1
ns
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
ts
Setup Time
f = 10MHz, VICM = 1.2 V
VDIFF = 400mV,
VINTTL = 0 to 2.5V
1.5
ns
tH-
Hold Time
1
ns


Similar Part No. - STLVD112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
STLVD111BF STMICROELECTRONICS-STLVD111BF Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
More results

Similar Description - STLVD112

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3740B MICROCHIP-USB3740B Datasheet
197Kb / 19P
   High Speed USB 2.0 Switch with ESD Protection
01/27/15
logo
ON Semiconductor
FUSB252 ONSEMI-FUSB252 Datasheet
871Kb / 18P
   Type-C CC with High Speed Digital Port Protection Switch
January 2017 Rev. 1.5
logo
Pericom Semiconductor C...
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
   USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB42 PERICOM-PI3USB42 Datasheet
496Kb / 7P
   USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Murata Manufacturing Co...
LXES4XBAA6-027 MURATA-LXES4XBAA6-027 Datasheet
276Kb / 4P
   High Speed Communication Line Protection
LXES2TBBB4-028 MURATA-LXES2TBBB4-028 Datasheet
257Kb / 4P
   High Speed Communication Line Protection
logo
ON Semiconductor
NUP4107UPMU ONSEMI-NUP4107UPMU Datasheet
94Kb / 3P
   High Speed Data Line Protection
November, 2008 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com