Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCXH16245 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 74LCXH16245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXH16245 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 74LCXH16245 Datasheet HTML 2Page - STMicroelectronics 74LCXH16245 Datasheet HTML 3Page - STMicroelectronics 74LCXH16245 Datasheet HTML 4Page - STMicroelectronics 74LCXH16245 Datasheet HTML 5Page - STMicroelectronics 74LCXH16245 Datasheet HTML 6Page - STMicroelectronics 74LCXH16245 Datasheet HTML 7Page - STMicroelectronics 74LCXH16245 Datasheet HTML 8Page - STMicroelectronics 74LCXH16245 Datasheet HTML 9Page - STMicroelectronics 74LCXH16245 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
74LCXH16245
10/10
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
© http://www.st.com


Similar Part No. - 74LCXH16245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH16245G FAIRCHILD-74LCXH16245G Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245G FAIRCHILD-74LCXH16245G Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245G ONSEMI-74LCXH16245G Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
More results

Similar Description - 74LCXH16245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX16245 STMICROELECTRONICS-74LCX16245 Datasheet
79Kb / 9P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
74LCXHR162245 STMICROELECTRONICS-74LCXHR162245 Datasheet
259Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
   Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
February 2003
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com