Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16244 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74ALVCH16244
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH16244 Datasheet(HTML) 5 Page - STMicroelectronics

  74ALVCH16244 Datasheet HTML 1Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 2Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 3Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 4Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 5Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 6Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 7Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 8Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74ALVCH16244
5/10
AC ELECTRICAL CHARACTERISTICS
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|)
2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/16 (per
circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
1.65 to 1.95
30
1000
2.0
1
5.1
1
5.1
ns
2.3 to 2.7
30
500
2.0
1
3.7
1
3.7
2.7
50
500
2.5
1
3.6
1
3.6
3.0 to 3.6
50
500
2.5
1
3.0
1
3.0
tPZL tPZH Output Enable Time
1.65 to 1.95
30
1000
2.0
1
7.1
1
7.1
2.3 to 2.7
30
500
2.0
1
5.7
1
5.7
2.7
50
500
2.5
1
5.4
1
5.4
3.0 to 3.6
50
500
2.5
1
4.4
1
4.4
tPLZ tPHZ Output Disable Time 1.65 to 1.95
30
1000
2.0
1
6.5
1
6.5
2.3 to 2.7
30
500
2.0
1
5.2
1
5.2
2.7
50
500
2.5
1
4.6
1
4.6
3.0 to 3.6
50
500
2.5
1
4.1
1
4.1
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
CIN
Input Capacitance Control
Inputs
3.3
VIN =VCC or GND
3pF
CIN
Input Capacitance Data Inputs
3.3
VIN =VCC or GND
6pF
COUT
Output Capacitance
3.3
VIN = 0 to VCC
7pF
CPD
Power Dissipation Capacitance
Output enabled (note 1)
3.3
fIN = 10MHz
CL=50pF
VIN = 0 or VCC
19
pF
2.5
16
CPD
Power Dissipation Capacitance
Output disabled (note 1)
3.3
5
2.5
4


Similar Part No. - 74ALVCH16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16244 PHILIPS-74ALVCH16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
logo
Integrated Device Techn...
74ALVCH16244BF IDT-74ALVCH16244BF Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
74ALVCH16244BFG IDT-74ALVCH16244BFG Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
More results

Similar Description - 74ALVCH16244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
   Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
74VCX16240 STMICROELECTRONICS-74VCX16240 Datasheet
244Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
489Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com