Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVCH16244 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. 74ALVCH16244
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH16244 Datasheet(HTML) 4 Page - STMicroelectronics

  74ALVCH16244 Datasheet HTML 1Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 2Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 3Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 4Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 5Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 6Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 7Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 8Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74ALVCH16244
4/10
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
1.65 to 1.95
0.65 Vcc
0.65 Vcc
V
2.3 to 2.7
1.7
1.7
2.7 to 3.6
2.0
2.0
VIL
Low Level Input
Voltage
1.65 to 1.95
0.35 Vcc
0.35 Vcc
2.3 to 2.7
0.7
0.7
2.7 to 3.6
0.8
0.8
VOH
High Level Output
Voltage
1.65 to 3.6
IO=-100 µAVCC-0.2
VCC-0.2
V
1.65
IO=-4 mA
1.2
1.2
2.3
IO=-6 mA
2.0
2.0
2.3
IO=-12 mA
1.7
1.7
2.7
IO=-12 mA
2.2
2.2
3.0
IO=-12 mA
2.4
2.4
3.0
IO=-24 mA
2.0
2.0
VOL
Low Level Output
Voltage
1.65 to 3.6
IO=100 µA
0.2
0.2
V
1.65
IO=4 mA
0.45
0.45
2.3
IO=6 mA
0.4
0.4
2.3
IO=12 mA
0.7
0.7
2.7
IO=12 mA
0.4
0.4
3.0
IO=24 mA
0.55
0.55
II
Input Leakage
Current
3.6
VI = 0 or 3.6V
± 5
± 5
µA
IIHOLD
Input Hold Current
1.65
VI =0.58 V
+25
+ 25
µA
1.65
VI =1.07 V
-25
- 25
2.3
VI =0.7 V
+45
+ 45
2.3
VI =1.7 V
-45
- 45
3.0
VI =0.8 V
+75
+ 75
3.0
VI =2 V
-75
- 75
3.6
VI = 0 to 3.6V
± 500
± 500
Ioff
Power Off Leakage
Current
0VI or VO = 3.6V
10
20
µA
IOZ
High Impedance
Output Leakage
Current
3.6
VI =VIH or VIL
VO = 0 to VCC
± 5
± 10
µA
ICC
Quiescent Supply
Current
3.6
VI =VCC or GND
IO=0
20
40
µA
∆I
CC
ICC incr. per Input
3.0 to 3.6
VIH =VCC - 0.6V
500
750
µA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn