Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVCH16244 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. 74ALVCH16244
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH16244 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74ALVCH16244 Datasheet HTML 2Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 3Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 4Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 5Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 6Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 7Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 8Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 9Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74ALVCH16244
6/10
TEST CIRCUIT
RT =ZOUT of pulse generator (typically 50Ω)
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
TEST
SWITCH
tPLH,tPHL
Open
tPZL,tPLZ (VCC = 3.0 to 3.6V)
6V
tPZL,tPLZ (VCC = 2.3 to 2.7V)
2VCC
tPZH,tPHZ
GND
Symbol
VCC
3.0 to 3.6V
2.7V
2.3 to 2.7V
1.65 to 1.95V
VIH
2.7V
2.7V
VCC
VCC
VM
1.5V
1.5V
VCC/2
VCC/2
VX
VOL +0.3V
VOL +0.3V
VOL +0.15V
VOL +0.15V
VY
VOH -0.3V
VOH -0.3V
VOH -0.15V
VOH -0.15V
CL
50pF
50pF
30pF
30pF
RL=R1
500
500
500
1000
tr =tr
<2.5ns
<2.5ns
<2.0ns
<2.0ns


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn