Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC10MTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74AC10MTR
Description  TRIPLE 3-INPUT NAND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC10MTR Datasheet(HTML) 2 Page - STMicroelectronics

  74AC10MTR Datasheet HTML 1Page - STMicroelectronics 74AC10MTR Datasheet HTML 2Page - STMicroelectronics 74AC10MTR Datasheet HTML 3Page - STMicroelectronics 74AC10MTR Datasheet HTML 4Page - STMicroelectronics 74AC10MTR Datasheet HTML 5Page - STMicroelectronics 74AC10MTR Datasheet HTML 6Page - STMicroelectronics 74AC10MTR Datasheet HTML 7Page - STMicroelectronics 74AC10MTR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74AC10
2/8
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X= Don’t care
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
1) VIN from 30% to 70% of VCC
PIN No
SYMBOL
NAME AND FUNCTION
1, 3, 9
1A to 3A
Data Inputs
2, 4, 10
1B to 3B
Data Inputs
13, 5, 11
1C to 3C
Data Inputs
12, 6, 8
1Y to 3Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
ABC
Y
LX
X
H
XLX
H
XX
L
H
HHH
L
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 200
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time VCC = 3.0, 4.5 or 5.5V (note 1)
8
ns/V


Similar Part No. - 74AC10MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC10MTC FAIRCHILD-74AC10MTC Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
74AC10MTC FAIRCHILD-74AC10MTC Datasheet
102Kb / 7P
   Triple 3-Input NAND Gate
More results

Similar Description - 74AC10MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
   Triple 3-input NAND gate
1989 Sep 20
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
   TRIPLE 3-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
   Triple 3-input NAND gate
logo
NXP Semiconductors
74LVC10A PHILIPS-74LVC10A Datasheet
84Kb / 8P
   Triple 3-input NAND gate
1998 Apr 28
logo
System Logic Semiconduc...
SL74HC10 SLS-SL74HC10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
[Old version datasheet]   Triple 3-Input NAND Gate
logo
NXP Semiconductors
HEF4023B PHILIPS-HEF4023B Datasheet
25Kb / 3P
   Triple 3-input NAND gate
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com