Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSH70CLT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH70CLT
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH70CLT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH70CLT Datasheet HTML 6Page - STMicroelectronics TSH70CLT Datasheet HTML 7Page - STMicroelectronics TSH70CLT Datasheet HTML 8Page - STMicroelectronics TSH70CLT Datasheet HTML 9Page - STMicroelectronics TSH70CLT Datasheet HTML 10Page - STMicroelectronics TSH70CLT Datasheet HTML 11Page - STMicroelectronics TSH70CLT Datasheet HTML 12Page - STMicroelectronics TSH70CLT Datasheet HTML 13Page - STMicroelectronics TSH70CLT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical Characteristics
TSH70,71,72,73,74,75
10/33
GBP
Gain Bandwidth Product
F=10MHz
AVCL=+11
AVCL=-10
65
55
MHz
Bw
Bandwidth @-3dB
AVCL=+1
RL=150Ω // 30pF to GND
100
MHz
SR
Slew Rate
AVCL=+2,
RL=150Ω // CL to GND
CL = 5pF
CL = 30pF
68
117
118
V/
µs
φm
Phase Margin
RL=150Ω to GND
40
°
en
Equivalent Input Noise Voltage
F=100kHz
11
nV/
√Hz
THD
Total Harmonic Distortion
AVCL=+2, F=4MHz
RL=150Ω // 30pF to GND
Vout=1Vpp
Vout=2Vpp
-61
-54
dB
IM2
Second order intermodulation product
AVCL=+2, Vout=2Vpp
RL=150Ω to GND
Fin1=180kHz, Fin2=280KHz
spurious measurements @100kHz
-76
dBc
IM3
Third order intermodulation product
AVCL=+2, Vout=2Vpp
RL=150Ω to GND
Fin1=180kHz, Fin2=280KHz
spurious measurements @400kHz
-68
dBc
∆G
Differential gain
AVCL=+2, RL=150Ω to GND
F=4.5MHz, Vout=2Vpp
0.5
%
Df
Differential phase
AVCL=+2, RL=150Ω to GND
F=4.5MHz, Vout=2Vpp
0.5
°
Gf
Gain Flatness
F=DC to 6MHz, AVCL=+2
0.2
dB
Vo1/Vo2 Channel Separation
F=1MHz to 10MHz
65
dB
Table 5.
VCC
+ = 5V, V
CC
- = -5V, V
IC = GND, Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - TSH70CLT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH70CLT STMICROELECTRONICS-TSH70CLT Datasheet
1Mb / 25P
   WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
More results

Similar Description - TSH70CLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33201 ONSEMI-MC33201_14 Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com