Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSH94 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH94
Description  High speed low power quad operational amplifier with standby position
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH94 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH94_07 Datasheet HTML 1Page - STMicroelectronics TSH94_07 Datasheet HTML 2Page - STMicroelectronics TSH94_07 Datasheet HTML 3Page - STMicroelectronics TSH94_07 Datasheet HTML 4Page - STMicroelectronics TSH94_07 Datasheet HTML 5Page - STMicroelectronics TSH94_07 Datasheet HTML 6Page - STMicroelectronics TSH94_07 Datasheet HTML 7Page - STMicroelectronics TSH94_07 Datasheet HTML 8Page - STMicroelectronics TSH94_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2007
Rev 3
1/19
19
TSH94
High speed low power quad operational amplifier
with standby position
Features
Two separate standby functions: low
consumption and high impedance outputs
Low supply current: 4.5mA
High speed: 150MHz - 110V/µs
Unity gain stability
Low offset voltage: 3mV
Low noise 4.2 nV/
√Hz
Low cost
Specified for 600
Ω and 150Ω loads
High video performance:
– Differential gain: 0.03%
– Differential phase: 0.07°
– Gain flatness: 6MHz, 0.1dB max @ 10dB
gain
High audio performance
Description
The TSH94 is a quad low power high frequency
op-amp, designed for high quality video signal
processing. The device offers an excellent speed
consumption ratio with 4.5mA per amplifier for
150MHz bandwidth.
High slew rate and low noise also make it suitable
for high quality audio applications.
The TSH94 offers 2 separate complementary
STANDBY functions:
STANDBY 1 acting on the n° 2 operator
STANDBY 2 acting on the n° 3 operator
These functions reduce the consumption of the
corresponding operator and put the output in a
high impedance state.
D
SO-16
(Plastic micropackage)
Non-inverting Input 2
Non-inverting Input 1
-
CC
V
1
2
3
4
5
6
7
12
13
14
15
16
CC
V
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Inverting Input 1
Output 2
9
8
Standby 1
11
10
Standby 2
Output 1
Inverting Input 2
Pin connections
(top view)
www.st.com


Similar Part No. - TSH94_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH94I STMICROELECTRONICS-TSH94I Datasheet
555Kb / 11P
   HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION
TSH94ID STMICROELECTRONICS-TSH94ID Datasheet
555Kb / 11P
   HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION
More results

Similar Description - TSH94_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH94 STMICROELECTRONICS-TSH94 Datasheet
555Kb / 11P
   HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION
TSH95 STMICROELECTRONICS-TSH95 Datasheet
449Kb / 9P
   HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
April 1999
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
OP471 AD-OP471_17 Datasheet
334Kb / 17P
   High Speed, Low Noise Quad Operational Amplifier
logo
Rochester Electronics
CA3078 ROCHESTER-CA3078 Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
logo
Analog Devices
OP471 AD-OP471 Datasheet
314Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
REV. A
logo
STMicroelectronics
TSH70 STMICROELECTRONICS-TSH70 Datasheet
1Mb / 25P
   WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com