Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB-341 Datasheet(PDF) 9 Page - Mini-Circuits

Part # TB-341
Description  Digital Step Attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TB-341 Datasheet(HTML) 9 Page - Mini-Circuits

Back Button TB-341 Datasheet HTML 4Page - Mini-Circuits TB-341 Datasheet HTML 5Page - Mini-Circuits TB-341 Datasheet HTML 6Page - Mini-Circuits TB-341 Datasheet HTML 7Page - Mini-Circuits TB-341 Datasheet HTML 8Page - Mini-Circuits TB-341 Datasheet HTML 9Page - Mini-Circuits TB-341 Datasheet HTML 10Page - Mini-Circuits TB-341 Datasheet HTML 11Page - Mini-Circuits TB-341 Datasheet HTML 12Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
page 9 of 12
Digital Step Attenuator
DAT-15575-PN
DAT-15575-PN+
The parallel interface timing requirements are defined by Figure 1 (Parallel Interface Timing Diagram) and
Table 2 (Parallel Interface AC Characteristics), and switching speed.
For latched parallel programming the Latch Enable (LE) should be held LOW while changing attenunation
state control values, then pulse LE HIGH to LOW (per Figure 1) to latch new attenuation state into device.
For direct parallel programming, the Latch Enable (LE) line should be pulled HIGH. Changing attenuation
state control values will change device state to new attenuation. Direct mode is ideal for manual control of
the device (using hardwire, switches, or jumpers).
Simplified Schematic
Figure 1: Parallel Interface Timing Diagram
Table 1. Truth Table
Attenuation
State
C8
C4
C2
C1
C0.5
Reference
00000
0.5 (dB)
00001
1 (dB)
00010
2 (dB)
00100
4 (dB)
01000
8 (dB)
10000
15.5 (dB)
11111
Note: Not all 32 possible combinations of C0.5 - C8 are shown
in table
Table 2. Parallel Interface AC Characteristics
Symbol
Parameter
Min.
Max.
Units
t
LEPW
LE minimum pulse
width
30
ns
t
PDSUP
data set-up time before
clock rising edge of LE
10
ns
t
PDHLD
data hold time after
clock falling edge of LE
10
ns
The DAT-15575-PN parallel interface consists of 5 control bits that select the desired attenuation state, as
shown in Table 1: Truth Table
t
PDSUP
t
PDHLD
Parallel Data
C8:C0.5
LE
t
LEPW
RF Input
8dB
4dB
2dB
1dB
0.5dB
Parallel Control
Control Logic Interface
Latch Enable
RF Out


Similar Part No. - TB-341

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TB-347 MINI-TB-347 Datasheet
607Kb / 11P
   SPDT RF SWITCH
More results

Similar Description - TB-341

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com