Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB-341 Datasheet(PDF) 2 Page - Mini-Circuits

Part # TB-341
Description  Digital Step Attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TB-341 Datasheet(HTML) 2 Page - Mini-Circuits

  TB-341 Datasheet HTML 1Page - Mini-Circuits TB-341 Datasheet HTML 2Page - Mini-Circuits TB-341 Datasheet HTML 3Page - Mini-Circuits TB-341 Datasheet HTML 4Page - Mini-Circuits TB-341 Datasheet HTML 5Page - Mini-Circuits TB-341 Datasheet HTML 6Page - Mini-Circuits TB-341 Datasheet HTML 7Page - Mini-Circuits TB-341 Datasheet HTML 8Page - Mini-Circuits TB-341 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Page 2 of 12
Digital Step Attenuator
DAT-15575-PN
DAT-15575-PN+
RF Electrical Specifications, DC-2000 MHz, TAMB=25°C, VDD=+3V, VSS=-3V
Absolute Maximum Ratings
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
VDD
-0.3V Min., 4V Max.
VSS
-4V Min., 0.3V Max.
Voltage on any input
-0.3V Min., VDD+0.3V Max.
ESD, HBM
500V
ESD, MM
100V
Input Power
+24dBm
Parameter
Min.
Typ.
Max.
Units
VDD, Supply Voltage
2.7
3
3.3
V
VSS, Supply Voltage
-3.3
-3
-2.7
V
IDD (ISS), Supply Current
100
μA
Control Input Low
0.3xVDD
V
Control Input High
0.7xVDD
——
V
Control Current
1
μA
DC Electrical Specifications
Parameter
Min.
Typ.
Max.
Units
Switching Speed, 50% Control to 0.5dB
of Attenuation Value
1.0
μSec
Switching Control Frequency
1.0
MHz
Switching Specifications
Parameter
Freq. Range
(GHz)
Min.
Typ.
Max.
Units
Accuracy @ 0.5 dB Attenuation Setting
DC-1.2
0.03
0.17
dB
1.2-2.0
0.05
0.18
dB
Accuracy @ 1 dB Attenuation Setting
DC-1.2
0.03
0.19
dB
1.2-2.0
0.1
0.2
dB
Accuracy @ 2 dB Attenuation Setting
DC-1.2
0.07
0.23
dB
1.2-2.0
0.15
0.25
dB
Accuracy @ 4 dB Attenuation Setting
DC-1.2
0.05
0.25
dB
1.2-2.0
0.15
0.35
dB
Accuracy @ 8 dB Attenuation Setting
DC-1.2
0.1
0.25
dB
1.2-2.0
0.24
0.55
dB
Insertion Loss(note1) @ all attenuator set to 0dB
DC-1.2
1.2
1.8
dB
1.2-2.0
1.6
2.1
dB
Input IP3(note 2) (at Min. and Max. Attenuation)
DC-2.0
+52
dBm
Input Power @ 0.2dB Compression*
(at Min. and Max. Attenuation)
DC-2.0
+24
dBm
VSWR
DC-1.2
1.6
2.0
1.2-2.0
1.7
2.0
2. Input IP3 and 1dB compression degrades below 1 MHz
Notes:
1. I. Loss values are de-embedded from test board Loss (test board’s Insertion Loss: 0.10dB @100MHz, 0.40dB @1200MHz,
0.55dB @2000MHz, 0.75dB @4000MHz)


Similar Part No. - TB-341

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TB-347 MINI-TB-347 Datasheet
607Kb / 11P
   SPDT RF SWITCH
More results

Similar Description - TB-341

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com