Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1321FP1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NJW1321FP1
Description  WIDE BAND VIDEO SWITCH WITH I2C BUS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJW1321FP1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NJW1321FP1 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJW1321FP1 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJW1321FP1 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJW1321FP1 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJW1321FP1 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJW1321FP1 Datasheet HTML 9Page - List of Unclassifed Manufacturers NJW1321FP1 Datasheet HTML 10Page - List of Unclassifed Manufacturers NJW1321FP1 Datasheet HTML 11Page - List of Unclassifed Manufacturers NJW1321FP1 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NJW1321
- 8 -
!INSTRUCTION CODE
♦POWER SAVE, OUTPUT SETTING
BIT
No.
D7
D6
D5
D4
D3
D2
D1
D0
Data1
PS1
PS2
OUT1
OUT2
••••PS1, PS2: Power Save Setting
Power Save
D7
D6
OUT1 ON
OUT2 ON
0
0
OUT1 ON
OUT2 OFF
0
1
OUT1 OFF
OUT2 ON
1
0
OUT1 OFF
OUT2 OFF
1
1
ON: Power Save OFF, OFF: Power Save ON (Mute)
••••OUT1: Output 1 Setting
Output 1
D5
D4
YIN1
PbIN1
PrIN1
0
0
YIN2
PbIN2
PrIN2
0
1
YIN3
PbIN3
PrIN3
1
0
YIN4
PbIN4
PrIN4
1
1
••••OUT2: Output 2 Setting
Output 2
D2
D1
YIN1
PbIN1
PrIN1
0
0
YIN2
PbIN2
PrIN2
0
1
YIN3
PbIN3
PrIN3
1
0
YIN4
PbIN4
PrIN4
1
1
Gain
D3
6dB
0
0dB
1
Gain
D0
6dB
0
0dB
1


Similar Part No. - NJW1321FP1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1325 NJRC-NJW1325 Datasheet
347Kb / 26P
   Multi Input Wide Band Video Interface with I2C Control
NJW1326 NJRC-NJW1326 Datasheet
222Kb / 16P
   Multi Input Wide Band Video Interface with I2C Control
NJW1327 NJRC-NJW1327 Datasheet
240Kb / 21P
   Multi Input SD/ HD Video Interface with I2C Control
NJW1328 NJRC-NJW1328 Datasheet
237Kb / 19P
   Multi Input Wide Band Video Interface with I2C Control
More results

Similar Description - NJW1321FP1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
   I2C Bus-Compatible Video Switch
logo
New Japan Radio
NJW1326 NJRC-NJW1326 Datasheet
222Kb / 16P
   Multi Input Wide Band Video Interface with I2C Control
NJW1328 NJRC-NJW1328 Datasheet
237Kb / 19P
   Multi Input Wide Band Video Interface with I2C Control
NJW1325 NJRC-NJW1325 Datasheet
347Kb / 26P
   Multi Input Wide Band Video Interface with I2C Control
logo
Sony Corporation
CXA1855Q SONY-CXA1855Q Datasheet
369Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
logo
New Japan Radio
NJM2584A NJRC-NJM2584A Datasheet
591Kb / 10P
   WIDE BAND 3 CIRCUITS VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com