Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS512IYD Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS512IYD
Description  Precision dual operational amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512IYD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS512IYD Datasheet HTML 2Page - STMicroelectronics TS512IYD Datasheet HTML 3Page - STMicroelectronics TS512IYD Datasheet HTML 4Page - STMicroelectronics TS512IYD Datasheet HTML 5Page - STMicroelectronics TS512IYD Datasheet HTML 6Page - STMicroelectronics TS512IYD Datasheet HTML 7Page - STMicroelectronics TS512IYD Datasheet HTML 8Page - STMicroelectronics TS512IYD Datasheet HTML 9Page - STMicroelectronics TS512IYD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
TS512
6/16
Figure 2.
Vio distribution at VCC= ±15V and
T= 25°C
Figure 3.
Vio distribution at VCC= ±15V and
T= 125°C
-400
-200
0
200
400
0
5
10
15
20
25
30
V
io
distribution at T = 25 °C
Input offset voltage (µV)
-400
-200
0
200
400
0
5
10
15
20
V
io
distribution at T = 125 °C
Input offset voltage (µV)
Figure 4.
Input offset voltage vs. input
common mode voltage at VCC=10V
Figure 5.
Input offset voltage vs. input
common mode voltage at VCC=30V
1
12
23
34
45
56
67
78
89
9
-0.8
-0.8
-0.6
-0.6
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
T=-40°C
V
cc
= 10 V
T=125°C
T=25°C
Input Common Mode Voltage (V)
0
05
510
10
15
15
20
20
25
25
30
30
-0.6
-0.6
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
T=-40°C
V
cc
= 30 V
T=125°C
T=25°C
Input Common Mode Voltage (V)
Figure 6.
Supply current (per operator) vs.
supply voltage at Vicm=VCC/2
Figure 7.
Supply current (per operator) vs.
input common mode voltage at
VCC=6V
6
69
912
12
15
15
18
18
21
21
24
24
27
27
30
30
0.1
0.2
0.2
0.3
0.4
0.4
0.5
0.6
0.6
T=-40°C
V
icm
= V
cc
/2
T=125°C
T=25°C
Supply voltage (V)
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.0
5.5
5.5
6.0
6.0
0.20
0.20
0.25
0.30
0.30
0.35
0.40
0.40
0.45
0.50
0.50
T=-40°C
Follower configuration
V
cc
= 6 V
T=125°C
T=25°C
Input Common Mode Voltage (V)


Similar Part No. - TS512IYD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS512I STMICROELECTRONICS-TS512I Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TS512IA STMICROELECTRONICS-TS512IA Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TS512ID STMICROELECTRONICS-TS512ID Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TS512IYD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
   Dual Precision Operational Amplifier
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
   Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
[Old version datasheet]   Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Precision Operational Amplifier
logo
Linear Technology
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
   Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
   Dual, Matched Precision Operational Amplifier
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
   DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com