Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH6002CPI Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH6002CPI
Description  High efficiency ultrafast diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6002CPI Datasheet(HTML) 3 Page - STMicroelectronics

  STTH6002CPI Datasheet HTML 1Page - STMicroelectronics STTH6002CPI Datasheet HTML 2Page - STMicroelectronics STTH6002CPI Datasheet HTML 3Page - STMicroelectronics STTH6002CPI Datasheet HTML 4Page - STMicroelectronics STTH6002CPI Datasheet HTML 5Page - STMicroelectronics STTH6002CPI Datasheet HTML 6Page - STMicroelectronics STTH6002CPI Datasheet HTML 7Page - STMicroelectronics STTH6002CPI Datasheet HTML 8Page - STMicroelectronics STTH6002CPI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH6002C
Characteristics
3/9
To evaluate the conduction losses use the following equation:
P = 0.69 x IF(AV) + 0.005 IF
2
(RMS)
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
30
µA
Tj = 125° C
30
300
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 30 A
1.05
V
IF = 60 A
1.18
Tj = 150° C
IF = 30 A
0.75
0.84
IF = 60 A
0.9
0.99
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Typ
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = 200 A/µs,
VR = 30 V, Tj = 25 °C
22
27
ns
IRM
Reverse recovery current
IF = 30 A, dIF/dt = 200 A/µs,
VR = 160 V, Tj = 125 °C
7.6
9.5
A
tfr
Forward recovery time
IF = 30 A, dIF/dt = 200 A/µs
VFR = 1.1 x VFmax, Tj = 25 °C
220
ns
VFP
Forward recovery voltage
IF = 30 A, dIF/dt = 200 A/µs,
Tj = 25 °C
2.5
V
Figure 1.
Peak current versus duty cycle
(per diode)
Figure 2.
Forward voltage drop versus
forward current (per diode)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
M(A)
T
d=tp/T
tp
I
M
T
δ=tp/T
tp
I
M
P = 10 W
P = 10 W
P = 5 W
P = 5 W
P = 20 W
P = 20 W
δ
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
FM(A)
T
j=25°C
(max values)
T
j=150°C
(max values)
T
j=150°C
(typ values)
VFM(V)


Similar Part No. - STTH6002CPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6002C STMICROELECTRONICS-STTH6002C Datasheet
62Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH6002CW STMICROELECTRONICS-STTH6002CW Datasheet
62Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
More results

Similar Description - STTH6002CPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
   High efficiency ultrafast diode
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com