Electronic Components Datasheet Search |
|
PSD835F2-A-90B81 Datasheet(PDF) 9 Page - STMicroelectronics |
|
PSD835F2-A-90B81 Datasheet(HTML) 9 Page - STMicroelectronics |
9 / 110 page PSD8XX Family PSD835G2 8 The following table describes the pin names and pin functions of the PSD835G2. Pins that have multiple names and/or functions are defined using PSDsoft. 6.0 Table 5. PSD835G2 Pin Descriptions Pin* (TQFP Pin Name Pkg.) Type Description ADIO0-7 3-7 I/O This is the lower Address/Data port. Connect your MCU 10-12 address or address/data bus according to the following rules: 1. If your MCU has a multiplexed address/data bus where the data is multiplexed with the lower address bits, connect AD[0:7] to this port. 2. If your MCU does not have a multiplexed address/data bus, connect A[0:7] to this port. 3. If you are using an 80C51XA in burst mode, connect A4/D0 through A11/D7 to this port. ALE or AS latches the address. The PSD drives data out only if the read signal is active and one of the PSD functional blocks was selected. The addresses on this port are passed to the PLDs. ADIO8-15 13-20 I/O This is the upper Address/Data port. Connect your MCU address or address/data bus according to the following rules: 1. If your MCU has a multiplexed address/data bus where the data is multiplexed with the lower address bits, connect A[8:15] to this port. 2. If your MCU does not have a multiplexed address/data bus, connect A[8:15] to this port. 3. If you are using an 80C251 in page mode, connect AD[8:15] to this port 4. If you are using an 80C51XA in burst mode, connect A[12:19] to this port. ALE or AS latches the address. The PSD drives data out only if the read signal is active and one of the PSD functional blocks was selected. The addresses on this port are passed to the PLDs. CNTL0 59 I The following control signals can be connected to this port, based on your MCU: 1. WR — active-low write input. 2. R_W — active-high read/active low write input. This pin is connected to the PLDs. Therefore, these signals can be used in decode and other logic equations. CNTL1 60 I The following control signals can be connected to this port, based on your MCU: 1. RD — active-low read input. 2. E — E clock input. 3. DS — active-low data strobe input. 4. PSEN — connect PSEN to this port when it is being used as an active-low read signal. For example, when the 80C251 outputs more than 16 address bits, PSEN is actually the read signal. This pin is connected to the PLDs. Therefore, these signals can be used in decode and other logic equations. CNTL2 40 I This pin can be used to input the PSEN (Program Select Enable) signal from any MCU that uses this signal for code exclusively. If your MCU does not output a Program Select Enable signal, this port can be used as a generic input. This port is connected to the PLD as input. Reset 39 I Active low input. Resets I/O Ports, PLD Micro ⇔Cells, some of the configuration registers and JTAG registers. Must be active at power up. Reset also aborts the Flash programming/erase cycle that is in progress. |
Similar Part No. - PSD835F2-A-90B81 |
|
Similar Description - PSD835F2-A-90B81 |