Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6375D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6375D
Description  0.5A high-side driver industrial intelligent power switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6375D Datasheet HTML 6Page - STMicroelectronics L6375D Datasheet HTML 7Page - STMicroelectronics L6375D Datasheet HTML 8Page - STMicroelectronics L6375D Datasheet HTML 9Page - STMicroelectronics L6375D Datasheet HTML 10Page - STMicroelectronics L6375D Datasheet HTML 11Page - STMicroelectronics L6375D Datasheet HTML 12Page - STMicroelectronics L6375D Datasheet HTML 13Page - STMicroelectronics L6375D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Electrical specifications
L6375D
10/16
2.9
Diagnostic logic
The operating conditions of the device are permanently monitored and the following
occurrences are signalled via the DIAG1/DIAG2 open-drain output pins see diagnostic Truth
Table.
Short Circuit versus ground.
Short Circuit versus VS.
Under Voltage(UV)
Over Temperature (OVT)
Open Load, if the output current is less than 3mA (typical value).
2.10
Demagnetization of inductive loads
An internal zener diode, limiting the voltage across the Power MOS to between 50 and 60V
(Vcl), provides safe and fast demagnetization of inductive loads without external clamping
devices. The maximum energy that can be absorbed from an inductive load is specified as
200mJ (at TJ = 85°C)
2.11
Diagnostic truth table
Table 7.
Diagnostic truth table
Diagnostic conditions
Input
Output
Diag1
Diag2
Normal Operation
L
H
L
H
H
H
H
H
Open Load Condition (Io< Iold)
L
H
L
H
H
L
H
H
Short to VS
L
H
H
H
L
L
H
H
Short Circuit to Ground (IO = ISC)
(1)
(pin ON-DELAY grounded)
1.
A cold lamp filament, or a capacitive load may activate the current limiting circuit of the IPS, when the IPS
is initially turned on.
H
L
X
L
H
H
H
H
Output DMOS Open
L
H
L
L
H
L
H
H
Overtemperature
L
H
L
L
H
H
L
L
Supply Undervoltage (VS< Vsth2)
L
H
L
L
L
L
L
L


Similar Part No. - L6375D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375D STMICROELECTRONICS-L6375D Datasheet
84Kb / 12P
   0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
More results

Similar Description - L6375D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
   0.5A high-side driver industrial intelligent power switch
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
   0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
   0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
   0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
   2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6370 STMICROELECTRONICS-L6370_07 Datasheet
237Kb / 19P
   2.5A high-side driver industrial intelligent power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com