Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC6856NQHZC40 Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # HC6856NQHZC40
Description  32K x 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC6856NQHZC40 Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button HC6856NQHZC40 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HC6856NQHZC40 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HC6856NQHZC40 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HC6856NQHZC40 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HC6856NQHZC40 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HC6856NQHZC40 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HC6856NQHZC40 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HC6856NQHZC40 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HC6856NQHZC40 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HC6856
11
VDD = 6.5V, R
≤ 10 KΩ, VIH = VDD, VIL = VSS
Ambient Temperature
≥ 125 °C, F0 ≥ 100 KHz Sq Wave
Frequency of F1 = F0/2, F2 = F0/4, F3 = F0/8, etc.
VDD = 5.5V, R
≤ 10 KΩ
Ambient Temperature
≥ 125 °C
STATIC BURN-IN DIAGRAM
DYNAMIC BURN-IN DIAGRAM
28-LEAD FLAT PACK (22017362-001)
For 28-Lead DIP description, see MIL-STD-1835, Type CDIP2-T28, Config. C, Dimensions D-10
28-LEAD DIP (22017502-001)
[1] BSC - Basic lead spacing between centers
[2] Where lead is brazed to package
[3] Parts delivered with leads unformed
[4] Lid connected to VSS
A
b
C
D
e
E
E2
E3
F
G
L
Q
S
U
V
W
X
Y
Z
0.135 ± 0.015
0.015 ± 0.002
0.004 to 0.009
0.720 ± 0.008
0.050 ± 0.005 [1]
0.530 ± 0.008
0.420 ± 0.008
0.055 ref
0.650 ± 0.005 [2]
0.050 ± 0.005
0.295 min [3]
0.026 to 0.045
0.035 ± 0.010
0.065 ref
0.300 ref
0.050 ref
0.030 ref
0.100 ref
0.080 ref
All dimensions in inches
E2
A
Lead
Alloy 42
Ceramic
Body
C
E3
G
Cutout
Area
Q
Kovar
Lid [4]
V
1
X
W
Y
BOTTOM
VIEW
VSS
VDD
VDD
Optional capacitors
in cutout
S
Z
U
E
1
e
b
(width)
(pitch)
L
TOP
VIEW
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
NC
VSS
VDD
NWE*
CE*
A13*
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
VSS
VDD
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQO
DQ1
DQ2
VDD
VSS
VSS
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
NOTE — *Denotes package pinout option dependent (28-Lead DIP/FP diagrams not shown but have similar connections)
R
R
R
R
R
R
R
R
R
R
R
R
R
NC
R
R
R
R
R
R
R
R
R
R
R
R
R
R
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VSS
VDD
NWE*
CE*
A13*
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
VSS
VSS
VDD
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQO
DQ1
DQ2
VDD
VSS
F16
F7
F6
F5
F4
F3
F2
F8
F13
F14
F1
F1
F1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
F0
F17
F15
F12
F11
F10
F17
F9
F17
F1
F1
F1
F1
F1
VSS


Similar Part No. - HC6856NQHZC40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC68T1M2 INTERSIL-HC68T1M2 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
HC68T1M2Z INTERSIL-HC68T1M2Z Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
NXP Semiconductors
HC68VBIGRS/D NXP-HC68VBIGRS/D Datasheet
1Mb / 120P
   General Release Specification
Rev. 3.1 08/2005
More results

Similar Description - HC6856NQHZC40

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com