Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMY10 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # KMY10
Description  Microwave Motion Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KMY10 Datasheet(HTML) 1 Page - Infineon Technologies AG

  KMY10 Datasheet HTML 1Page - Infineon Technologies AG KMY10 Datasheet HTML 2Page - Infineon Technologies AG KMY10 Datasheet HTML 3Page - Infineon Technologies AG KMY10 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Special Package
Data Sheet
1
1999-04-01
Microwave Motion Sensor
KMY 10
Notes:
1. The adjustment screw located on the top
face of the sensor housing is used to set
the oscillator frequency. This adjustment
Pin Configuration
1
V
S (GND)
2
V
D (output voltage)
3+
V
S
EHA07119
+
o/p
-
Dual OP-Amp
5 V
Voltage Regulator
12
3
Description
The KMY 10 is a microwave rader motion sensor based
on the Doppler effect. It transmits a low energy
microwave radiation at 9.35 GHz which is reflected by
objects. If the object is moving relative to the sensor, a
Doppler shift occurs. The shifted wave is mixed with the
original wave, resulting in an output voltage.
Typ
Marking
Ordering
Code
License No.
KMY 10
KMY 10
(or SMX-1
1))
1) Previous type designation SMX-1.
Q62702-R309 Germany:
BZT B129549H
Switzerland:
BAKOM 92.1340.H.P
Austria:
GZ 104 091-ZB/96
Features
• High sensitivity
• Low power consumption
• High reliability
• Small size
• Light weight
• Low cost
is made and secured during production and to ensure the correct operation of the device it must not be
tampered with!
2. Only the pads marked 1; 2; 3, are predetermined solder pads and only these pads should be used to connect
the device. Soldering or otherwise interfering with any other parts of the AF-circuit board will immediately
invalidate any warranty on the device!
3. The KMY 10 is classified as an Electrostatic Discharge Sensitive Device.
Handling precautions for such devices must be adhered to!
4. Regulations on the use of High frequency devices.
The use of high frequency devices is regulated in most countries and certain frequencies can be subject to
restrictions. The use of the KMY 10 should be clarified with the respective authorities in each country to ensure
compliance with the prevalent legislation.


Similar Part No. - KMY10

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KMY-KMZ TEC-KMY-KMZ Datasheet
373Kb / 9P
   Linear Magnetic Field Sensors
logo
Infineon Technologies A...
KMY24 INFINEON-KMY24 Datasheet
54Kb / 4P
   Microwave Motion Sensor
1999-04-01
More results

Similar Description - KMY10

ManufacturerPart #DatasheetDescription
logo
Telecommunication Elec...
TMS240 TELTRON-TMS240 Datasheet
883Kb / 2P
   microwave motion sensor
TMS200 TELTRON-TMS200 Datasheet
850Kb / 2P
   microwave motion sensor
TMS300 TELTRON-TMS300 Datasheet
785Kb / 2P
   microwave motion sensor
TMS100 TELTRON-TMS100 Datasheet
883Kb / 2P
   microwave motion sensor
logo
Infineon Technologies A...
KMY24 INFINEON-KMY24 Datasheet
54Kb / 4P
   Microwave Motion Sensor
1999-04-01
logo
Telecommunication Elec...
TMS400 TELTRON-TMS400 Datasheet
885Kb / 2P
   microwave motion sensor
TMSM100-1500 TELTRON-TMSM100-1500 Datasheet
750Kb / 2P
   microwave motion sensor module
TMSM200-100 TELTRON-TMSM200-100 Datasheet
700Kb / 2P
   microwave motion sensor module
logo
Panasonic Semiconductor
EKMA PANASONIC-EKMA Datasheet
1Mb / 8P
   MOTION SENSOR
logo
TE Connectivity Ltd
2396399 TEC-2396399 Datasheet
298Kb / 1P
   MOTION STREETLIGHT SENSOR
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com