Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC2302D Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC2302D
Description  3-Channel Constant Current-SOURCE POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2302D Datasheet(HTML) 3 Page - Texas Instruments

  TPIC2302D Datasheet HTML 1Page - Texas Instruments TPIC2302D Datasheet HTML 2Page - Texas Instruments TPIC2302D Datasheet HTML 3Page - Texas Instruments TPIC2302D Datasheet HTML 4Page - Texas Instruments TPIC2302D Datasheet HTML 5Page - Texas Instruments TPIC2302D Datasheet HTML 6Page - Texas Instruments TPIC2302D Datasheet HTML 7Page - Texas Instruments TPIC2302D Datasheet HTML 8Page - Texas Instruments TPIC2302D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TPIC2302
3CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS028B − APRIL 1994 − REVISED SEPTEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251−1443
3
resistive-load switching characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
21
42
td(off)
Turn-off delay time
VDD = 25 V,
RL = 50 Ω,
tr1 = 10 ns,
20
40
ns
tr2
Rise time
VDD = 25 V,
tf1 = 10 ns,
RL = 50 Ω,
See Figure 2
tr1 = 10 ns,
5
10
ns
tf2
Fall time
tf1 = 10 ns,
See Figure 2
13
26
Qg
Total gate charge
VDS = 48 V,
ID = 0.5 A,
VGS = 10 V,
3.1
3.8
Qgs(th) Threshold gate-to-source charge
VDS = 48 V,
See Figure 3
ID = 0.5 A,
VGS = 10 V,
0.4
0.5
nC
Qgd
Gate-to-drain charge
See Figure 3
1.3
1.6
nC
LD
Internal drain inductance
5
nH
LS
Internal source inductance
5
nH
Rg
Internal gate resistance
0.25
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance
All outputs with equal power,
See Note 4
130
°C/W
RθJP
Junction-to-pin thermal resistance
All outputs with equal power,
See Note 4
44
°C/W
NOTE 4: Package mounted on an FR4 printed-circuit board with no heat sink
PARAMETER MEASUREMENT INFORMATION
IRM†
Reverse di/dt = 100 A/
µs
trr(SD)
† IRM = maximum recovery current
TJ = 25°C
1
0.5
0
− 0.5
− 1
− 1.5
− 2
− 2.5
1.5
Time − ns
0
25
50
75
100
125
150
175
200
225
250
25% of IRM†
Figure 1. Reverse-Recovery-Current Waveform of Source-to-Drain Diode


Similar Part No. - TPIC2302D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301KV TI1-TPIC2301KV Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

Similar Description - TPIC2302D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
   Constant current source
2001 May 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com