Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT41J256M4 Datasheet(PDF) 66 Page - Micon Design Technology Corporation

Part # MT41J256M4
Description  1Gb: x4, x8, x16 DDR3 SDRAM
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MT41J256M4 Datasheet(HTML) 66 Page - Micon Design Technology Corporation

Back Button MT41J256M4 Datasheet HTML 62Page - Micon Design Technology Corporation MT41J256M4 Datasheet HTML 63Page - Micon Design Technology Corporation MT41J256M4 Datasheet HTML 64Page - Micon Design Technology Corporation MT41J256M4 Datasheet HTML 65Page - Micon Design Technology Corporation MT41J256M4 Datasheet HTML 66Page - Micon Design Technology Corporation MT41J256M4 Datasheet HTML 67Page - Micon Design Technology Corporation MT41J256M4 Datasheet HTML 68Page - Micon Design Technology Corporation MT41J256M4 Datasheet HTML 69Page - Micon Design Technology Corporation MT41J256M4 Datasheet HTML 70Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 181 page
background image
PDF: 09005aef826aa906/Source: 09005aef82a357c3
Micron Technology, Inc., reserves the right to change products or specifications without notice.
1Gb_DDR3_3.fm - Rev. D 8/1/08 EN
66
©2006 Micron Technology, Inc. All rights reserved.
1Gb: x4, x8, x16 DDR3 SDRAM
Speed Bin Tables
Notes:
1. tREFI depends on TOPER.
2. The CL and CWL settings result in tCK requirements. When making a selection of tCK, both
CL and CWL requirement settings need to be fulfilled.
3. Reserved settings are not allowed.
Table 52:
DDR3-1600 Speed Bins
DDR3-1600 Speed Bin
-125F
-125E
-125
Units
Notes
CL-tRCD-tRP
9-9-9
10-10-10
11-11-11
Parameter
Symbol
Min
Max
Min
Max
Min
Max
ACTIVATE to internal READ
or WRITE delay time
tRCD
11.25
12.5
13.75
ns
PRECHARGE command
period
tRP
11.25
12.5
13.75
ns
ACTIVATE-to-ACTIVATE or
REFRESH command period
tRC
46.25
47.5
48.75
ns
ACTIVATE-to-PRECHARGE
command period
tRAS
35
9 × tREFI
35
9 × tREFI
35
9 × tREFI
ns
1
CL = 5
CWL = 5
tCK (AVG)
2.5
3.3
2.5
3.3
Reserved
ns
2, 3
CWL = 6, 7, 8
tCK (AVG)
Reserved
Reserved
Reserved
ns
3
CL = 6
CWL = 5
tCK (AVG)
2.5
3.3
2.5
3.3
2.5
3.3
ns
2
CWL = 6
tCK (AVG)
Reserved
Reserved
Reserved
ns
2, 3
CWL = 7, 8
tCK (AVG)
Reserved
Reserved
Reserved
ns
3
CL = 7
CWL = 5
tCK (AVG)
Reserved
Reserved
Reserved
ns
3
CWL = 6
tCK (AVG)
1.875
<2.5
1.875
<2.5
Reserved
ns
2, 3
CWL = 7
tCK (AVG)
Reserved
Reserved
Reserved
ns
2, 3
CWL = 8
tCK (AVG)
Reserved
Reserved
Reserved
ns
3
CL = 8
CWL = 5
tCK (AVG)
Reserved
Reserved
Reserved
ns
3
CWL = 6
tCK (AVG)
1.875
<2.5
1.875
<2.5
1.875
<2.5
ns
2
CWL = 7
tCK (AVG)
1.5
<1.875
Reserved
Reserved
ns
2, 3
CWL = 8
tCK (AVG)
Reserved
Reserved
Reserved
ns
2, 3
CL = 9
CWL = 5, 6
tCK (AVG)
Reserved
Reserved
Reserved
ns
3
CWL = 7
tCK (AVG)
1.5
<1.875
1.5
<1.875
Reserved
ns
2, 3
CWL = 8
tCK (AVG)
1.25
<1.5
Reserved
Reserved
ns
2, 3
CL = 10
CWL = 5, 6
tCK (AVG)
Reserved
Reserved
Reserved
ns
3
CWL = 7
tCK (AVG)
1.5
<1.875
1.5
<1.875
1.5
<1.875
ns
2
CWL = 8
tCK (AVG)
1.25
<1.5
1.25
<1.5
Reserved
ns
2, 3
CL = 11
CWL = 5, 6, 7
tCK (AVG)
Reserved
Reserved
Reserved
ns
3
CWL = 8
tCK (AVG)
1.25<1.5
1.25<1.5
1.25<1.5
ns
2
Supported CL settings
5, 6, 7, 8, 9, 10, 11
5, 6, 7, 8, 9, 10, 11
6, 8, 10, 11
CK
Supported CWL settings
5, 6, 7, 8
5, 6, 7, 8
5, 6, 7, 8
CK


Similar Part No. - MT41J256M4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT41J256M4 MICRON-MT41J256M4 Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
More results

Similar Description - MT41J256M4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
MT41J256M8HX-187ED MICRON-MT41J256M8HX-187ED Datasheet
2Mb / 211P
   2Gb: x4, x8, x16 DDR3 SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com