Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7216DLPL Datasheet(PDF) 5 Page - Harris Corporation

Part # ICM7216DLPL
Description  8-Digit Multi-Function Frequency Counter/Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

ICM7216DLPL Datasheet(HTML) 5 Page - Harris Corporation

  ICM7216DLPL Datasheet HTML 1Page - Harris Corporation ICM7216DLPL Datasheet HTML 2Page - Harris Corporation ICM7216DLPL Datasheet HTML 3Page - Harris Corporation ICM7216DLPL Datasheet HTML 4Page - Harris Corporation ICM7216DLPL Datasheet HTML 5Page - Harris Corporation ICM7216DLPL Datasheet HTML 6Page - Harris Corporation ICM7216DLPL Datasheet HTML 7Page - Harris Corporation ICM7216DLPL Datasheet HTML 8Page - Harris Corporation ICM7216DLPL Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
13-26
Specifications ICM7216A, ICM7216B, ICM7216D
ICM7216B
Digit Driver: Pins 4, 5, 6, 7, 9, 10, 11, 12
Low Output Current, IOL
VOUT = VSS +1.3V
50
75
-
mA
High Output Current, IOH
VOUT = VDD -2.5V
-
-100
-
µA
Segment Driver: Pins 15, 16, 17, 19, 20, 21, 22, 23
High Output Current, IOH
VOUT = VDD -2.0V
-10
-
-
mA
Leakage Current, ISLK
VOUT = VDD -2.5V
-
-
10
µA
Multiplex Inputs: Pins 1, 3, 14
Input Low Voltage, VINL
--
VDD -2.0
V
Input High Voltage, VlNH
VDD -0.8
-
-
V
Input Resistance to VDD,RIN
VlN = VDD -2.5V
100
360
-
k
ICM7216D
Operating Supply Current, IDD
Display Off, Unused Inputs to VSS
-2
5
mA
Supply Voltage Range (VDD -VSS), VSUPPLY
INPUT A Frequency at fMAX
4.75
-
6.0
V
Maximum Frequency INPUT A, Pin 28, fA(MAX)
Figure 9
10
-
-
MHz
Maximum Oscillator Frequency and External Oscillator
Frequency, fOSC
10
-
-
MHz
Minimum External Oscillator Frequency, fOSC
-
-
100
kHz
Oscillator Transconductance, gM
VDD = 4.75V, TA = +85
oC
2000
-
-
µS
Multiplex Frequency, fMUX
fOSC = 10MHz
-
500
-
Hz
Time Between Measurements
fOSC = 10MHz
-
200
-
ms
Input Voltages: Pins 12, 27, 28
Input Low Voltage, VINL
-
-
1.0
V
Input High Voltage, VINH
3.5
-
-
V
Input Resistance to VDD Pins 12, 24, RIN
VIN = VDD -1.0V
100
400
-
k
Input Leakage, Pins 27, 28, IILK
--
20
µA
Output Current, Pin 2, IOL
VOL = +0.4V
0.36
-
-
mA
Output Current, Pin 2, IOH
VOH = VDD -0.8V
265
-
-
µA
Input Rate of Change, dVlN/dt
Supplies Well Bypassed
-
15
-
mV/
µs
Digit Driver: Pins 3, 4, 5, 6, 8, 9, 10, 11
Low Output Current, IOL
VOUT = +1.3V
50
75
-
mA
High Output Current, IOH
VOUT = VDD -2.5V
-
100
-
µA
Segment Driver: Pins 15, 16, 17, 19, 20, 21, 22, 23
High Output Current, IOH
VOUT = VDD -2.0V
10
15
mA
Leakage Current, ISLK
VOUT = VDD -2.5V
-
-
10
µA
Multiplex Inputs: Pins 1, 13, 14
Input Low Voltage, VlNL
--
VDD -2.0
V
Input High Voltage, VINH
VDD -0.8
-
-
V
Input Resistance to VDD,RlN
VIN = VDD -1.0V
100
360
-
k
NOTE:
1. The ICM7216 may be triggered into a destructive latchup mode if either input signals are applied before the power supply is applied or if
input or outputs are forced to voltages exceeding VDD to VSS by more than 0.3V.
Electrical Specifications
VDD = 5.0V, VSS = 0V, TA = +25
oC, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - ICM7216DLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7216DLPL INTERSIL-ICM7216DLPL Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216DLPL INTERSIL-ICM7216DLPL Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216DLPL INTERSIL-ICM7216DLPL Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216DlPl RENESAS-ICM7216DlPl Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
More results

Similar Description - ICM7216DLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
   Multi-function UP/Down counter
SC-3X FOTEK-SC-3X Datasheet
2Mb / 4P
   DIN 72X72 MULTI-FUNCTION COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com