Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGQ210A09Z Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # AGQ210A09Z
Description  ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AGQ210A09Z Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  AGQ210A09Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) AGQ210A09Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) AGQ210A09Z Datasheet HTML 3Page - Nais(Matsushita Electric Works) AGQ210A09Z Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GQ
132
NOTES
1. Coil operating power
1) As a general rule, only a pure DC pow-
er supply should be used for the coil drive.
2) To ensure proper operation, the voltage
applied to both terminals of the coil should
be
±5% (at 20°C 68°F) the rated operating
voltage of the coil. Also, be aware that the
pick-up and drop-out voltages will fluctu-
ate depending on the ambient tempera-
ture and operating conditions.
3) The ripple factor for the voltage applied
to the coil should be less than 5%.
4) For set and reset latching relays, the
rated operating voltage should be applied
to the coil for 10 ms or more.
2. Coil connection
When connecting coils, refer to the wiring
diagram to prevent mis-operation or mal-
function.
3. External magnetic field
Since GQ relays are highly sensitive po-
larized relays, their characteristics will be
affected by a strong external magnetic
field. Avoid using the relay under that con-
dition.
4. Cleaning
In automatic cleaning, cleaning with the
boiling method is recommended. Avoid ul-
trasonic cleaning which subject the relay
to high frequency vibrations. It may cause
the contacts to stick.
lt is recommended that a fluorinated hy-
drocarbon or other alcoholic solvent be
used.
5. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing
(A type)
(1)-1 Tape dimensions
mm inch
(S type)
(1)-2 Tape dimensions
(2) Dimensions of plastic peel
mm inch
6. Automatic insertion
To maintain the internal function of the re-
lay, the chucking pressure should not ex-
ceed the values below.
Chucking pressure in the direction A :
9.8 N {1 kgf} or less
Chucking pressure in the direction B :
9.8 N {1 kgf} or less
Chucking pressure in the direction C :
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be also
avoided.
Orientation (indicates PIN No.1)stripe
Stopper (green)
Stopper (red)
Orientation (indicates PIN No.1)stripe
Stopper (green)
Stopper (red)
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
1.50
dia.
.059
dia.
4.00
.157
0.40
.016
1.75
.069
2.00dia.
.079dia.
2.0
.079
12.0
.472
9.0
.354
Max. 6.55
.256
24.0
±0.3
.945
±.012
11.1
.437
11.5
.453
+0.1
0
+.003
.0
GQ relays
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
4.0
.157
0.40
.016
1.75
.069
2.00dia.
.079dia.
2.0
.079
12.0
.472
7.8
.307
Max. 6.55
.256
11.5
.453
1.50
dia.
.059
dia.
+0.1
0
+.003
.0
GQ relays
11.1
.437
24.0
±0.3
.945
±.012
21
±0.8 dia.
.827
±.031 dia.
13
±0.2 dia.
.512
±.008 dia.
24.4
.961
+2
0
+.079
0
2.0
±0.2
.079
±.008
2.0
±0.5
.079
±.020
100
±1 dia.
3.937
±.039 dia.
330
±2 dia.
12.992
±.079 dia.
A
C
B
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - AGQ210A09Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AGQ210A09Z PANASONIC-AGQ210A09Z Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
More results

Similar Description - AGQ210A09Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
TF2-3V NAIS-TF2-3V Datasheet
86Kb / 5P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_16 Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2911-1-F3-M-A CEL-PS2911-1-F3-M-A Datasheet
494Kb / 13P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com