Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC54HC174A Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC54HC174A
Description  Hex D Flip-Flop With Common Clock And Reset High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54HC174A Datasheet(HTML) 4 Page - Motorola, Inc

  MC54HC174A Datasheet HTML 1Page - Motorola, Inc MC54HC174A Datasheet HTML 2Page - Motorola, Inc MC54HC174A Datasheet HTML 3Page - Motorola, Inc MC54HC174A Datasheet HTML 4Page - Motorola, Inc MC54HC174A Datasheet HTML 5Page - Motorola, Inc MC54HC174A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC54/74HC174A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
CLOCK
9
D0
3
RESET
1
D1
4
D2
6
D3
11
D4
13
D5
14
C
Q
D
R
2
5
7
10
12
15
Q0
Q1
Q2
Q3
Q4
Q5
EXPANDED LOGIC DIAGRAM
50%
VCC
GND
VCC
GND
50%
CLOCK
Q
RESET
tPHL
Figure 1.
50%
DATA
CLOCK
VCC
VCC
GND
Figure 2.
VALID
GND
tsu
th
1/fmax
CLOCK
Q
tr
tf
VCC
GND
90%
50%
10%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3.
Figure 4. Test Circuit
SWITCHING WAVEFORMS
C
Q
D
R
C
Q
D
R
C
Q
D
R
C
Q
D
R
C
Q
D
R
tw
trec
50%


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn