Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUR14C-1 Datasheet(PDF) 4 Page - SunLED Corporation

Part # DUR14C-1
Description  14.2mm (0.56?? SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUR14C-1 Datasheet(HTML) 4 Page - SunLED Corporation

  DUR14C-1 Datasheet HTML 1Page - SunLED Corporation DUR14C-1 Datasheet HTML 2Page - SunLED Corporation DUR14C-1 Datasheet HTML 3Page - SunLED Corporation DUR14C-1 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Published Date : MAR 01,2008
Drawing No : SDSA2084
V4
Checked : Shin Chi
P.4/4
Part Number:
DUR14C-1
14.2mm (0.56”) SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
PACKING & LABEL SPECIFICATIONS
DUR14C-1


Similar Part No. - DUR14C-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR14C SUNLED-DUR14C Datasheet
181Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUR14C2 SUNLED-DUR14C2 Datasheet
188Kb / 4P
   14.22mm (0.56?? DUAL DIGIT MUMERIC DISPLAY
DUR14C3 SUNLED-DUR14C3 Datasheet
188Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DUR14C3-A SUNLED-DUR14C3-A Datasheet
187Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DUR14C4 SUNLED-DUR14C4 Datasheet
198Kb / 4P
   14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - DUR14C-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR14C-1 SUNLED-DMR14C-1 Datasheet
186Kb / 4P
   14.2mm (0.56?? SINGLE DIGIT NUMERIC DISPLAY
DMR14C SUNLED-DMR14C Datasheet
180Kb / 4P
   14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
DBBA14A-1 SUNLED-DBBA14A-1 Datasheet
190Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DBBA14C SUNLED-DBBA14C Datasheet
184Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUR14C SUNLED-DUR14C Datasheet
181Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUY14A SUNLED-DUY14A Datasheet
183Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUY14A-1 SUNLED-DUY14A-1 Datasheet
188Kb / 4P
   14.2mm (0.56?? SINGLE DIGIT NUMERIC DISPLAY
DUR14A-1 SUNLED-DUR14A-1 Datasheet
186Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUY14C-1 SUNLED-DUY14C-1 Datasheet
188Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUG14A-1 SUNLED-DUG14A-1 Datasheet
187Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DVG14A SUNLED-DVG14A Datasheet
181Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com