Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-MX6X Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MX6X
Description  MoonstoneTM 1/2W Power LED Light Source
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MX6X Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-MX6X Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX6X Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX6X Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX6X Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX6X Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX6X Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX6X Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX6X Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-MX6X Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
0
30
60
90
120
150
0
10
20
30
40
50
60
70
80
90
TAAMBIENT TEMPERATURE - °C
RJA = 120°C/W
RJA = 100°C/W
RJA = 140°C/W
0
10
20
30
40
50
60
70
80
90
100
25
35
45
55
65
75
85
95 105
115 125 135 145
JUNCTION TEMPERATURE (°C)
½W COOL WHITE
½W WARM WHITE
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
-40
-15
10
35
60
85
TEMPERATURE - °C
180
10.70 ± 0.10
17.00 ± 0.20
1.00 ± 0.10
5.08 ± 0.10
3.1 ± 0.10
8.40 ± 0.10
Figure 7. Recommended soldering land pattern
Figure 8. Temperature vs. relative forward voltage shift
Figure 9. Relative LOP vs Junction Temperature for InGaN Devices
Flux Bin Limit[1] (For reference only) [X1 X2]
Bin
Flux (lm) at 150mA
Min
Max
A
5.5
7.0
B
7.0
9.0
C
9.0
11.5
D
11.5
15.0
E
15.0
19.5
F
19.5
25.5
G
25.5
33.0
H
33.0
43.0
Tolerance for each bin limits is ±10 %
Figure 6. Recommended Reflow Soldering
217 °C
200 °C
60 - 120 SEC.
-6°C/SEC. MAX.
3 °C/SEC. MAX.
3°C/SEC. MAX.
150 °C
255 - 260 °C
100 SEC. MAX.
10 to 30 SEC.
TIME
(Acc. to J-STD-020C)
0
30
60
90
120
150
0
10
20
30
40
50
60
70
80
90
TAAMBIENT TEMPERATURE - °C
RJA = 120°C/W
RJA = 100°C/W
RJA = 140°C/W
0
10
20
30
40
50
60
70
80
90
100
25
35
45
55
65
75
85
95 105
115 125 135 145
JUNCTION TEMPERATURE (°C)
½W COOL WHITE
½W WARM WHITE
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
-40
-15
10
35
60
85
TEMPERATURE - °C
180
10.70 ± 0.10
17.00 ± 0.20
1.00 ± 0.10
5.08 ± 0.10
3.1 ± 0.10
8.40 ± 0.10
0
30
60
90
120
150
0
10
20
30
40
50
60
70
80
90
TAAMBIENT TEMPERATURE - °C
RJA = 120°C/W
RJA = 100°C/W
RJA = 140°C/W
0
10
20
30
40
50
60
70
80
90
100
25
35
45
55
65
75
85
95 105
115 125 135 145
JUNCTION TEMPERATURE (°C)
½W COOL WHITE
½W WARM WHITE
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
-40
-15
10
35
60
85
TEMPERATURE - °C
180
10.70 ± 0.10
17.00 ± 0.20
1.00 ± 0.10
5.08 ± 0.10
3.1 ± 0.10
8.40 ± 0.10


Similar Part No. - ASMT-MX6X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX00 AVAGO-ASMT-MX00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
ASMT-MX00 AVAGO-ASMT-MX00 Datasheet
324Kb / 10P
   Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
ASMT-MX20 AVAGO-ASMT-MX20 Datasheet
173Kb / 7P
   3W Power LED Light Source
logo
Broadcom Corporation.
ASMT-MX22 BOARDCOM-ASMT-MX22 Datasheet
1Mb / 14P
   Moonstone짰 3W High Brightness Power LED Light Source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MXA0 AVAGO-ASMT-MXA0 Datasheet
526Kb / 10P
   MoonstoneTM 1W Power LED Light Source on MCPCB
More results

Similar Description - ASMT-MX6X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MB00-NDF00 AVAGO-ASMT-MB00-NDF00 Datasheet
195Kb / 13P
   MoonstoneTM 1 W Power LED Light Source
ASMT-MW09 AVAGO-ASMT-MW09 Datasheet
619Kb / 9P
   MoonstoneTM 1W Power LED Light Source
ASMT-MXA0 AVAGO-ASMT-MXA0 Datasheet
526Kb / 10P
   MoonstoneTM 1W Power LED Light Source on MCPCB
ASMT-MXK0 AVAGO-ASMT-MXK0 Datasheet
510Kb / 11P
   MoonstoneTM 1W Power LED Light Source on MCPCB
ASMT-MX00 AVAGO-ASMT-MX00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX20 AVAGO-ASMT-MX20 Datasheet
173Kb / 7P
   3W Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com