Electronic Components Datasheet Search |
|
AGQ20003 Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works) |
|
AGQ20003 Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works) |
4 / 4 page GQ 132 NOTES 1. Coil operating power 1) As a general rule, only a pure DC pow- er supply should be used for the coil drive. 2) To ensure proper operation, the voltage applied to both terminals of the coil should be ±5% (at 20°C 68°F) the rated operating voltage of the coil. Also, be aware that the pick-up and drop-out voltages will fluctu- ate depending on the ambient tempera- ture and operating conditions. 3) The ripple factor for the voltage applied to the coil should be less than 5%. 4) For set and reset latching relays, the rated operating voltage should be applied to the coil for 10 ms or more. 2. Coil connection When connecting coils, refer to the wiring diagram to prevent mis-operation or mal- function. 3. External magnetic field Since GQ relays are highly sensitive po- larized relays, their characteristics will be affected by a strong external magnetic field. Avoid using the relay under that con- dition. 4. Cleaning In automatic cleaning, cleaning with the boiling method is recommended. Avoid ul- trasonic cleaning which subject the relay to high frequency vibrations. It may cause the contacts to stick. lt is recommended that a fluorinated hy- drocarbon or other alcoholic solvent be used. 5. Packing style 1) The relay is packed in a tube with the relay orientation mark on the left side, as shown in the figure below. 2) Tape and reel packing (A type) (1)-1 Tape dimensions mm inch (S type) (1)-2 Tape dimensions (2) Dimensions of plastic peel mm inch 6. Automatic insertion To maintain the internal function of the re- lay, the chucking pressure should not ex- ceed the values below. Chucking pressure in the direction A : 9.8 N {1 kgf} or less Chucking pressure in the direction B : 9.8 N {1 kgf} or less Chucking pressure in the direction C : 9.8 N {1 kgf} or less Please chuck the portion. Avoid chucking the center of the relay. In addition, excessive chucking pressure to the pinpoint of the relay should be also avoided. Orientation (indicates PIN No.1)stripe Stopper (green) Stopper (red) Orientation (indicates PIN No.1)stripe Stopper (green) Stopper (red) Relay polarity bar (Z type) Tape coming out direction General tolerance ±0.1 mm .004 inch 1.50 dia. .059 dia. 4.00 .157 0.40 .016 1.75 .069 2.00dia. .079dia. 2.0 .079 12.0 .472 9.0 .354 Max. 6.55 .256 24.0 ±0.3 .945 ±.012 11.1 .437 11.5 .453 +0.1 0 +.003 .0 GQ relays Relay polarity bar (Z type) Tape coming out direction General tolerance ±0.1 mm .004 inch 4.0 .157 0.40 .016 1.75 .069 2.00dia. .079dia. 2.0 .079 12.0 .472 7.8 .307 Max. 6.55 .256 11.5 .453 1.50 dia. .059 dia. +0.1 0 +.003 .0 GQ relays 11.1 .437 24.0 ±0.3 .945 ±.012 21 ±0.8 dia. .827 ±.031 dia. 13 ±0.2 dia. .512 ±.008 dia. 24.4 .961 +2 0 +.079 0 2.0 ±0.2 .079 ±.008 2.0 ±0.5 .079 ±.020 100 ±1 dia. 3.937 ±.039 dia. 330 ±2 dia. 12.992 ±.079 dia. A C B For Cautions for Use, see Relay Technical Information (Page 48 to 76). 9/1/2000 All Rights Reserved, © Copyright Matsushita Electric Works, Ltd. Go To Online Catalog |
Similar Part No. - AGQ20003 |
|
Similar Description - AGQ20003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |