Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALM-32120 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ALM-32120
Description  0.7GHz - 1.0GHz 2 Watt High Linearity Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-32120 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-32120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-32120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-32120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-32120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-32120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-32120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-32120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-32120 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-32120 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Electrical Specifications [7]
TA = 25 *C, Vdd =5V, Vctrl =5V, RF performance at 900MHz, measured on demo board (see Figure 7) unless otherwise
specified.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Ids
Quiescent current
mA
690
800
910
Ictrl
Vctrl current
mA
-
18
-
Gain
Gain
dB
12.5
14.3
15.5
OIP3 [8]
Output Third Order Intercept Point
dBm
48.0
52.0
-
OP1dB
Output Power at 1dB Gain Compression
dBm
33.0
34.4
-
PAE
Power Added Efficiency
%
-
50.3
-
NF
Noise Figure
dB
-
2.5
-
S11
Input Return Loss, 50Ω source
dB
-
-26.0
-
S22
Output Return Loss, 50Ω load
dB
-
-10.0
-
S12
Reverse Isolation
dB
-
-22.0
-
Notes:
7. Measurements at 900MHz obtained using demo board described in Figure 6 and 7.
8. OIP3 test condition: FRF1 - FRF2 = 10MHz with input power of -5dBm per tone measured at worst side band
9. Use proper biasing, heat sink and de-rating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and
application note (if applicable) for more details.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AH115 ½ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  WJ Communication. Inc.
ECG012 0.1 Watt High Linearity InGaP HBT Amplifier 1  2  3  4  WJ Communication. Inc.
AH118_06 ¼ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  More WJ Communication. Inc.
ECG015 ¼ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  WJ Communication. Inc.
ALM-32320 3.3GHz 3.9GHz 2 Watt High Linearity Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
ECP052D_06 ½ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  WJ Communication. Inc.
AH212 1 Watt High Linearity High Gain InGaP HBT Amplifier 1  2  3  4  5  More WJ Communication. Inc.
AH215 1 Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  More WJ Communication. Inc.
SCG015_06 ¼ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  WJ Communication. Inc.
AH110 0.2 Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  WJ Communication. Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn