Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUR2300M Datasheet(PDF) 1 Page - SunLED Corporation

Part # EUR2300M
Description  8.89mmx3.81mm LED LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EUR2300M Datasheet(HTML) 1 Page - SunLED Corporation

  EUR2300M Datasheet HTML 1Page - SunLED Corporation EUR2300M Datasheet HTML 2Page - SunLED Corporation EUR2300M Datasheet HTML 3Page - SunLED Corporation EUR2300M Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 17,2008
Drawing No :SDSA3867
V3
Checked : B.L.LIU
P.1/4
Part Number
:
EUR2300M
8.89mmx3.81mm LED LIGHT BAR
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
min.
typ.
EUR2300M
Red
GaAsP/GaP
White Diffused
7
39
627
Features
UNIFORM LIGHT EMITTING AREA.
LOW CURRENT OPERATION.
EASILY MOUNTED ON P.C. BOARDS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
CATEGORIZED FOR LUMINOUS INTENSITY.
●RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.0
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
627
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
625
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=20mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - EUR2300M

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
EUR2350M SUNLED-EUR2350M Datasheet
184Kb / 4P
   19.05mmx3.81mm LED LIGHT BAR
EUR23D SUNLED-EUR23D Datasheet
181Kb / 4P
   5mmx16mm LIGHT BAR
More results

Similar Description - EUR2300M

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
EMG2800D SUNLED-EMG2800D Datasheet
188Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
logo
Kingbright Corporation
KB2820CGKD KINGBRIGHT-KB2820CGKD Datasheet
346Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB-D100SURKW KINGBRIGHT-KB-D100SURKW Datasheet
348Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB-E100SURKW KINGBRIGHT-KB-E100SURKW Datasheet
348Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB2400SYKW KINGBRIGHT-KB2400SYKW Datasheet
364Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB-A100SURKW KINGBRIGHT-KB-A100SURKW Datasheet
346Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
logo
SunLED Corporation
EMRD100M SUNLED-EMRD100M Datasheet
183Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
logo
Kingbright Corporation
KB-E100SRW KINGBRIGHT-KB-E100SRW Datasheet
199Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
logo
SunLED Corporation
EUR2600M SUNLED-EUR2600M Datasheet
184Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
EUY2400M SUNLED-EUY2400M Datasheet
183Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
EUY2700M SUNLED-EUY2700M Datasheet
186Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com