Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS42L-06 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # CCS42L-06
Description  SCR Die
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

CCS42L-06 Datasheet(HTML) 1 Page - Cynergy3 Co

  CCS42L-06 Datasheet HTML 1Page - Cynergy3 Co CCS42L-06 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO
9001CERTIFIED
USA
EUROPE - UK
ASIA - Thailand
Sales & Tech Support(866) 258-5057
Telephone +44 (0) 1202 897969
Telephone +66 (0)2 665 2517
Email: sales@cynergy3.com
Fax +44 (0) 1202 891918
Fax +66 (0)2 665 2588
Cynergy3Components
Email:sales@cynergy3.com
Cynergy3Components,Asia
2320PaseodelasAmericas,Suite104
Cynergy3ComponentsLtd.
18/8FicoPlace12thFloor
SanDiego,CA92154
7CobhamRoad
SoiSukhumvit21(Asoke)
FerndownIndustrialEstate
KlongtoeyNua,Wattana
Wimborne,DorsetBH217PE
Bangkok,Thailand10110
Features
Glass Passivated Junction Protection for
Superior Blocking Voltage and Stability
High Surge Ratings
Low Forward Voltage Drop (L type)
Applications
Solid State Relays
Power Modules
Lighting Equipment
Motor Control Equipment
Welding Modules
series CCS
SCR Die
TM
TM
PartNumber
Description
I
T(AV)
V
TM@ IT
VDRM/VRRM
(V)
I
GT
(mA)
Ih
(mA)
I
TSM
(10ms)
Min.dv/dt
(V/us)
CCS42L-04/06 SCR,Die,50A
50
1.25 150
400-600
150
220 1500
500
CCS48L-04/06 SCR,Die,60A
60
1.25 180
400-600
150
220 2000
500
CCS56L-04/06 SCR,Die,80A
80
1.25 240
400-600
150
220 2500
500
CCS68L-04/06 SCR,Die,130A
130 1.25 410
400-600
150
350 4000
500
©2007Cynergy3Components,AllRightsReserved.Specificationsaresubjecttochangewithoutpriornotice.Cynergy3ComponentsandtheCynergy3ComponentslogoaretrademarksofCynergy3ComponentsCorp.
*Othernamesandbrandsmaybeclaimedasthepropertyofothers.
L Type - Electrical Ratings
www.cynergy3.com
Tj=130°C,Tc=80˚C.Ratedvaluesdependonassemblymaterialsandconditions.Assembliesmustbevoid-freeandhave
sufficientheatsinkingtoachievemaximumratings.
25˚C
Partnumbersuffix,04=400V,06=600V(LTypeOnly)
Partnumbersuffix,08=800V,10=1000V,12=1200V,16=1600V(HTypeOnly)
General Note:
Metallization-CR:Ni:Ag
AluminumMetalizationAvailable-ContactFactory
PartNumber
Description
I
T(AV)
V
TM@ IT
V
DRM
/VRRM
(V)
I
GT
(mA)
Ih
(mA)
I
TSM
(10ms)
Min.dv/dt
(V/us)
CCS24H-08/16 SCR,Die,25A
25
1.60 35
800-1600
100
220
300
1000
CCS34H-08/16 SCR,Die,50A
50
1.60 75
800-1600
100
220
500
1000
CCS38H-08/16 SCR,Die,60A
60
1.60 90
800-1600
100
220
600
1000
CCS42H-08/16 SCR,Die,80A
80
1.20 80
800-1600
100
220
1000
1000
CCS48H-08/16 SCR,Die,85A
85
1.20 95
800-1600
100
220
1150
1000
CCS50H-08/16 SCR,Die,95A
95
1.20 110
800-1600
100
220
1250
1000
CCS56H-08/16 SCR,Die,130A
130 1.20 165
800-1600
100
220
1800
1000
CCS68H-08/16 SCR,Die,175A
175 1.20 250
800-1600
150
350
3200
1000
P Type - Electrical Ratings
Part Numbering
Examples:
Series
Voltage
CCS34L -06=600V
CCS56H -16=1600V


Similar Part No. - CCS42L-06

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CCS44-S8 PANDUIT-CCS44-S8 Datasheet
62Kb / 1P
   CCS-CABLE CLAMP
6/26/96
CCS44-S8-C PANDUIT-CCS44-S8-C Datasheet
62Kb / 1P
   CCS-CABLE CLAMP
6/26/96
More results

Similar Description - CCS42L-06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com