Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V61C3181024 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part No. V61C3181024
Description  128K X 8 HIGH SPEED STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V61C3181024 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V61C3181024 Datasheet HTML 2Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 3Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 4Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 5Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 6Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 7Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 8Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 9Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 10Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
V61C3181024 Rev. 1.3 February 1999
MOSEL VITELIC
V61C3181024
AC Electrical Characteristics
(over all temperature ranges)
Read Cycle
Write Cycle
Parameter
Name
Parameter
-10
-12
-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
10
12
15
ns
tAA
Address Access Time
10
12
15
ns
tACS1
Chip Enable Access Time
10
12
15
ns
tACS2
Chip Enable Access Time
10
12
15
ns
tOE
Output Enable to Output Valid
6
6
7
ns
tCLZ1
Chip Enable to Output in Low Z
3
3
3
ns
tCLZ2
Chip Enable to Output in Low Z
3
3
3
ns
tOLZ
Output Enable to Output in Low Z
0
0
0
ns
tCHZ
Chip Disable to Output in High Z
0
3
0
3
0
4
ns
tOHZ
Output Disable to Output in High Z
0
3
0
3
0
4
ns
tOH
Output Hold from Address Change
3
3
3
ns
Parameter
Name
Parameter
-10
-12
-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tWC
Write Cycle Time
10
12
15
ns
tCW1
Chip Enable to End of Write
8
10
13
ns
tCW2
Chip Enable to End of Write
8
10
13
ns
tAS
Address Setup Time
0
0
0
ns
tAW
Address Valid to End of Write
8
10
13
ns
tWP
Write Pulse Width
8
9
11
ns
tAH
Address Hold to End of Write
0
0
0
ns
tWHZ
Write to Output High-Z
0
5
0
5
0
5
ns
tWLZ
Write to Output Low Z
3
3
5
ns
tDW
Data Setup to End of Write
5
6
8
ns
tDH
Data Hold from End of Write
0
0
0
ns


Similar Part No. - V61C3181024

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024-12T MOSEL-V61C31161024-12T Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
More results

Similar Description - V61C3181024

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
   128K X 8 HIGH SPEED STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Pyramid Semiconductor Corporation
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
Winbond
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz