Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V61C3181024 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part No. V61C3181024
Description  128K X 8 HIGH SPEED STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V61C3181024 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V61C3181024 Datasheet HTML 1Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 2Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 3Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 4Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 5Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 6Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 7Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 8Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
V61C3181024 Rev. 1.3 February 1999
MOSEL VITELIC
V61C3181024
DC Electrical Characteristics (over all temperature ranges, VCC = 3.3V ± 0.3)
NOTES:
1.
These are absolute values with respect to device ground and all overshoots due to system or tester noise are included.
2.
VIL (Min.) = -3.0V for pulse width < 20ns.
3.
fMAX = 1/tRC.
4.
Maximum values.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VIL
Input LOW Voltage(1,2)
-0.5
0.8
V
VIH
Input HIGH Voltage(1)
2.2
VCC + 0.3
V
IIL
Input Leakage Current
VCC = Max, VIN = 0V to VCC
-5
5
µA
IOL
Output Leakage Current
VCC = Max, CE1 = VIH, VOUT = 0V to VCC
-5
5
µA
VOL
Output LOW Voltage
IOL = 4mA
0.4
V
VOH
Output HIGH Voltage
IOH = -2mA
2.4
V
Symbol
Parameter
Com.(4)
Units
ICC1
Average Operating Current, CE1 = VIL, CE2 = VIH, Output Open,
VCC = Max., f = fMAX
(3)
100
mA
ISB
TTL Standby Current
CE1 ≥ VIH, CE2 ≤ VIL, VCC = Max.
25
mA
ISB1
CMOS Standby Current, CE1 ≥ VCC – 0.2V, CE2 ≤ 0.2V,
VIN ≥ VCC – 0.2V or VIN ≤ 0.2V, VCC = Max.
2
mA
AC Test Conditions
AC Test Loads and Waveforms
Key to Switching Waveforms
Input Pulse Levels
0 to 3V
Input Rise and Fall Times
3 ns
Timing Reference Levels
1.5V
Output Load
see below
3.3V
480
225
* Includes scope and jig
capacitance
I/O
Pins
CL = 30 pF*
3181024 06
3.3V
480
255
for tCLZ, tCHZ, tOLZ, tWZ,
tOW, and tOHZ
DOUT
CL = 5 pF*
3181024 06B
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
WILL BE
STEADY
MAY CHANGE
FROM H TO L
WILL BE
CHANGING
FROM H TO L
MAY CHANGE
FROM L TO H
WILL BE
CHANGING
FROM L TO H
DON'T CARE:
ANY CHANGE
PERMITTED
CHANGING:
STATE
UNKNOWN
DOES NOT
APPLY
CENTER
LINE IS HIGH
IMPEDANCE
“OFF” STATE


Similar Part No. - V61C3181024

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024-12T MOSEL-V61C31161024-12T Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
More results

Similar Description - V61C3181024

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
   128K X 8 HIGH SPEED STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Pyramid Semiconductor Corporation
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
Winbond
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz