Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V61C3181024 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V61C3181024
Description  128K X 8 HIGH SPEED STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V61C3181024 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V61C3181024 Datasheet HTML 1Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 2Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 3Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 4Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 5Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 6Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 7Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 8Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MOSEL VITELIC
V61C3181024
3
V61C3181024 Rev. 1.3 February 1999
Part Number Information
Absolute Maximum Ratings (1)
NOTE:
1.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
Symbol
Parameter
Commercial
Units
VN
Input Voltage
-0.5 to VCC + 0.5
V
VDQ
Input/Output Voltage Applied
VCC + 0.5
V
TBIAS
Temperature Under Bias
-10 to +125
°C
TSTG
Storage Temperature
-65 to +150
°C
SRAM
FAMILY
C = CMOS PROCESS
61 = HIGH SPEED
31 = 3.3V
OPERATING
VOLTAGE
1024K
ORGANIZATION
PKG
SPEED
3181024 05
PWR.
61
C
8
31
1024
MOSEL-VITELIC
V
8 = 8-bit
10 ns
12 ns
15 ns
TEMP.
BLANK = 0
°C to 70°C
BLANK = STANDARD
T = TSOP STANDARD
R = 300 mil SOJ
DENSITY
Capacitance*
TA = 25°C, f = 1.0MHz
NOTE:
1.
This parameter is guaranteed by design and not tested.
Truth Table
NOTE:
X = Don’t Care, L = LOW, H = HIGH
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VI/O = 0V
8
pF
Mode
CE1
CE2
OE
WE
I/O
Operation
Standby
H
X
X
X
High Z
Standby
X
L
X
X
High Z
Output Disable
L
H
H
H
High Z
Read
L
H
L
H
DOUT
Write
L
H
X
L
DIN


Similar Part No. - V61C3181024

ManufacturerPart #DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024-12T MOSEL-V61C31161024-12T Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
More results

Similar Description - V61C3181024

ManufacturerPart #DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
   128K X 8 HIGH SPEED STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Pyramid Semiconductor Corporation
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
Winbond
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com