Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V61C3181024 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part No. V61C3181024
Description  128K X 8 HIGH SPEED STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V61C3181024 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V61C3181024 Datasheet HTML 1Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 2Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 3Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 4Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 5Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 6Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 7Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 8Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
V61C3181024 Rev. 1.3 February 1999
MOSEL VITELIC
V61C3181024
Pin Descriptions
A0–A16
Address Inputs
These 17 address inputs select one of the 128K x 8
bit segments in the RAM.
CE1, CE2 Chip Enable Inputs
CE1 is active LOW and CE2 is active HIGH. Both
chip enables must be active to read from or write to
the device. If either chip enable is not active, the
device is deselected and is in a standby power
mode. The I/O pins will be in the high-impedance
state when deselected.
OE
Output Enable Input
The Output Enable input is active LOW. When OE
is LOW with CE LOW and WE HIGH, data of the
selected memory location will be available on the
I/O pins. When OE is HIGH, the I/O pins will be in
the high impedance state.
WE
Write Enable Input
An active LOW input, WE input controls read and
write operations. When CE and WE inputs are both
LOW, the data present on the I/O pins will be
written into the selected memory location.
I/O0–I/O7 Data Input and Data Output Ports
These 8 bidirectional ports are used to read data
from and write data into the RAM.
VCC
Power Supply
GND
Ground
Pin Configurations (Top View)
32-Pin SOJ
32-Pin TSOP-I
1
32
3181024 02
2
31
3
30
4
29
5
28
6
27
7
26
8
25
9
24
10
23
11
22
12
21
13
20
14
19
15
18
16
17
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
NC
A11
CE2
WE
A12
A13
A14
A15
OE
A16
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
3181024 03
A15
A14
A13
A12
A11
VCC
NC
A10
A9
A8
A7
A6
A5
A4
A16
CE2
WE
I/O6
I/O7
I/O5
I/O4
I/O3
OE
I/O1
I/O2
VSS
CE1
I/O0
A0
A1
A2
A3


Similar Part No. - V61C3181024

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024-12T MOSEL-V61C31161024-12T Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
More results

Similar Description - V61C3181024

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
   128K X 8 HIGH SPEED STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Pyramid Semiconductor Corporation
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
Winbond
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz