Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V61C3181024 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part No. V61C3181024
Description  128K X 8 HIGH SPEED STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V61C3181024 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V61C3181024 Datasheet HTML 1Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 2Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 3Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 4Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 5Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 6Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 7Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 8Page - Mosel Vitelic, Corp V61C3181024 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOSEL VITELIC
1
V61C3181024
128K X 8 HIGH SPEED
STATIC RAM
PRELIMINARY
V61C3181024 Rev. 1.3 February 1999
Features
s High-speed: 10, 12, 15 ns
s Fully static operation
s All inputs and outputs directly TTL compatible
s Three state outputs
s Low data retention current (VCC = 2V)
s Single 3.3V
± 0.3 Power Supply
s Low CMOS Standby current of 5 mA max
s Packages
– 32-pin TSOP
– 32-pin 300 mil SOJ
Description
The V61C3181024 is a 1,048,576-bit static
random-access memory organized as 131,072
words by 8 bits. Inputs and three-state outputs are
TTL compatible and allow for direct interfacing
with common system bus structures. The
V61C3181024 is available in 32-pin SOJ and
TSOP.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Temperature
Mark
T
R
10
12
15
0
°C to 70°C
•••••
Blank
Functional Block Diagram
Row
Decoder
Memory Array
Input
Data
Circuit
Column I/O
Column Decoder
Control
Circuit
VCC
GND
A0
3181024 01
A8
I/O0
I/O7
CE2
OE
WE
CE1
A9
A16


Similar Part No. - V61C3181024

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024-12T MOSEL-V61C31161024-12T Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
More results

Similar Description - V61C3181024

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
   128K X 8 HIGH SPEED STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Pyramid Semiconductor Corporation
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
Winbond
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz