Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUR06A-1 Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUR06A-1
Description  8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUR06A-1 Datasheet(HTML) 1 Page - SunLED Corporation

  DUR06A-1 Datasheet HTML 1Page - SunLED Corporation DUR06A-1 Datasheet HTML 2Page - SunLED Corporation DUR06A-1 Datasheet HTML 3Page - SunLED Corporation DUR06A-1 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 29.2007
Drawing No : SDSA0450
V5
Checked : Shin Chi
P.1/4
Part Number:
DUR06A-1
8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUR06A-1
Red
GaAsP/GaP
4700
17990
627
Common Anode.Rt.Hand Decimal.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
0.32 INCH DIGIT HEIGHT.
EXCELLENT CHARACTER APPEARANCE.
HIGH LIGHT OUTPUT.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/
GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
627
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
625
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
R.
CHE
N
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無
>
日期︰2008.03.05
07:44:36 +08'00'


Similar Part No. - DUR06A-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR06A SUNLED-DUR06A Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUR06A4 SUNLED-DUR06A4 Datasheet
231Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUR06A4-A SUNLED-DUR06A4-A Datasheet
231Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - DUR06A-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR06A SUNLED-DMR06A Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUR06A SUNLED-DUR06A Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUY06C-1 SUNLED-DUY06C-1 Datasheet
183Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DMR06C-1 SUNLED-DMR06C-1 Datasheet
181Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUG06C SUNLED-DUG06C Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUY06C SUNLED-DUY06C Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUY06A-1 SUNLED-DUY06A-1 Datasheet
181Kb / 4P
   8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY
DUR06C SUNLED-DUR06C Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DMR06C SUNLED-DMR06C Datasheet
179Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUY06A SUNLED-DUY06A Datasheet
186Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUG06A SUNLED-DUG06A Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com