Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRD13000 Datasheet(PDF) 2 Page - Cynergy3 Co

Part # FRD13000
Description  fully screened 9kV, 6A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

FRD13000 Datasheet(HTML) 2 Page - Cynergy3 Co

  FRD13000 Datasheet HTML 1Page - Cynergy3 Co FRD13000 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO9001 Certified
USA
EUROPE - UK
ASIA - Thailand
Sales & Tech Support(866) 258-5057
Telephone +44 (0) 1202 897969
Telephone +66 (0)2 665 2517
Email: sales@cynergy3.com
Fax +44 (0) 1202 891918
Fax +66 (0)2 665 2588
Cynergy3 Components
Email:sales@cynergy3.com
Cynergy 3 Components, Asia
2320 Paseo de las Americas, Suite 104
Cynergy3 Components Ltd.
18/8 Fico Place 12th Floor
San Diego, CA 92154
7 Cobham Road
Soi Sukhumvit 21 (Asoke)
Ferndown Industrial Estate
Klongtoey Nua, Wattana
Wimborne, Dorset BH21 7PE
Bangkok, Thailand 10110
© 2007 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Corp.
*Other names and brands may be claimed as the property of others.
FRD13000
fully screened
9kV, 6A
Mechanical Dimensions
All dimensions are in millimeters (inches)
FRD13000 Series
Max Current vs Frequency
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
Frequency (MHz)
65°C
85°C
0.15”
45.0 (Max)
20.0 (Max)
53.0 (Max)
(2.08")
15.20
PIN SIZE
PINS 1, 2, 3, 4, 5 & 6
0.80
63.5 Max
38.1
20 (Max)
(0.79")
(2.50")
(0.60")
(1.77")
(1.50")
(0.79")
4.1
FRD13501
Date
cynergy3
5
6
1 +VE
2
Pin 1 is +VE on Form B
3
4


Similar Part No. - FRD13000

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
FRD100BA60 SANREX-FRD100BA60 Datasheet
294Kb / 2P
   DIODE MODULE(F.R.D)
FRD100CA100 SANREX-FRD100CA100 Datasheet
102Kb / 2P
   DIODE MODULE
FRD100CA120 SANREX-FRD100CA120 Datasheet
102Kb / 2P
   DIODE MODULE
logo
Cynergy3 Co
FRD12000 CYNERGY3-FRD12000 Datasheet
684Kb / 2P
   screened 8kV, 6A
logo
Power-One
FRD1212 POWER-ONE-FRD1212 Datasheet
86Kb / 3P
   DUAL OUTPUT, 5 WATT
More results

Similar Description - FRD13000

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FRD12000 CYNERGY3-FRD12000 Datasheet
684Kb / 2P
   screened 8kV, 6A
FRD32061 CYNERGY3-FRD32061 Datasheet
575Kb / 2P
   FRD30000 fully screened
FRD30000 CYNERGY3-FRD30000 Datasheet
533Kb / 2P
   fully screened 6.5kV, 20A
SAR605SU CYNERGY3-SAR605SU Datasheet
674Kb / 2P
   miniature fully screened, open frame
logo
List of Unclassifed Man...
SAR605SU ETC2-SAR605SU Datasheet
629Kb / 2P
   miniature fully screened, open frame
logo
GETAI ELECTRONICS DEVIC...
2CL103 GETEDZ-2CL103 Datasheet
80Kb / 1P
   9kV 350mA HIGH VOLTAGE DIODE
2CL105 GETEDZ-2CL105 Datasheet
80Kb / 1P
   9kV 450mA HIGH VOLTAGE DIODE
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
   36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
logo
GETAI ELECTRONICS DEVIC...
ESJC13-09 GETEDZ-ESJC13-09 Datasheet
69Kb / 1P
   450mA 9kV HIGH VOLTAGE DIODES
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
   Screened Room Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com