Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB5159C7520A00 Datasheet(PDF) 2 Page - Anaren Microwave

Part # FB5159C7520A00
Description  X0060L7575A00
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

FB5159C7520A00 Datasheet(HTML) 2 Page - Anaren Microwave

  FB5159C7520A00 Datasheet HTML 1Page - Anaren Microwave FB5159C7520A00 Datasheet HTML 2Page - Anaren Microwave FB5159C7520A00 Datasheet HTML 3Page - Anaren Microwave FB5159C7520A00 Datasheet HTML 4Page - Anaren Microwave FB5159C7520A00 Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model X0060L7575A00
Rev C
Typical Broadband Performance: 0 GHz. to 3.0 GHz.
Return Loss
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]
S12
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
Frequency [MHz]
Isolation
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency [MHz]


Similar Part No. - FB5159C7520A00

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FB5150D DIODES-FB5150D Datasheet
329Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
August 2022 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com