Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUR20A-B Datasheet(PDF) 2 Page - SunLED Corporation

Part # DUR20A-B
Description  20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUR20A-B Datasheet(HTML) 2 Page - SunLED Corporation

  DUR20A-B Datasheet HTML 1Page - SunLED Corporation DUR20A-B Datasheet HTML 2Page - SunLED Corporation DUR20A-B Datasheet HTML 3Page - SunLED Corporation DUR20A-B Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Published Date : FEB.29.2008
Drawing No : SDSA2098
V3
Checked : Shin Chi
P.2/4
Part Number:
DUR20A-B
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
UR


Similar Part No. - DUR20A-B

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR20A-1 SUNLED-DUR20A-1 Datasheet
179Kb / 4P
   20.32mm (0.8?? SINGLE DIGIT NUMERIC DISPLAY
DUR20A-A SUNLED-DUR20A-A Datasheet
189Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUR20A-B

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR20C-1 SUNLED-DMR20C-1 Datasheet
179Kb / 4P
   20.32mm (0.8?? SINGLE DIGIT NUMERIC DISPLAY
DUY20A-A SUNLED-DUY20A-A Datasheet
184Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUG20C-B SUNLED-DUG20C-B Datasheet
187Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DMR20C-A SUNLED-DMR20C-A Datasheet
182Kb / 4P
   20.32mm (0.8?? SINGLE DIGIT NUMERIC DISPLAY
DUR20C-1 SUNLED-DUR20C-1 Datasheet
179Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUG20C-1 SUNLED-DUG20C-1 Datasheet
179Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20A-B SUNLED-DUY20A-B Datasheet
191Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUG20C SUNLED-DUG20C Datasheet
187Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20C SUNLED-DUY20C Datasheet
190Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20C-1 SUNLED-DUY20C-1 Datasheet
180Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20C-A SUNLED-DUY20C-A Datasheet
184Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com