Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGD7NB120S-1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGD7NB120S-1
Description  N-CHANNEL 7A - 1200V IPAK Power MESH IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NB120S-1 Datasheet(HTML) 2 Page - STMicroelectronics

  STGD7NB120S-1 Datasheet HTML 1Page - STMicroelectronics STGD7NB120S-1 Datasheet HTML 2Page - STMicroelectronics STGD7NB120S-1 Datasheet HTML 3Page - STMicroelectronics STGD7NB120S-1 Datasheet HTML 4Page - STMicroelectronics STGD7NB120S-1 Datasheet HTML 5Page - STMicroelectronics STGD7NB120S-1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-sink
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
T yp
2.27
100
1.5
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tj =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-Emitt er
Breakdown Voltage
IC =250
µAVGE = 0
1200
V
VBR(ECR)
Emitter-Collect or
Breakdown Voltage
IC = 10 mA
VGE =0
20
V
ICES
Collector cut-of f
(VGE =0)
VCE =Max Rating
Tj =25
oC
VCE =0.8 MaxRating
T j = 125
oC
250
1000
µA
µA
IGES
Gat e-Emitter Leakage
Current (VCE =0)
VGE =
± 20 V
VCE =0
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGE(th)
Gat e Threshold
Voltage
VCE =VGE
IC = 250
µA3
5
V
VGE
Gat e Emitter Volt age
VCE =2.5V
IC =2A Tj =25
÷125 oC6.5
V
VCE(SAT )
Collector-Emitt er
Sat uration Voltage
VGE =15 V
IC =3.5 A
VGE =15 V
IC =7 A
VGE =15 V
IC =10 A
1.7
1. 6
2. 1
V
V
V
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs
Forward
Transconductance
VCE =25 V
IC =7 A
2. 5
4.5
S
Cies
Coes
Cres
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VCE = 25V
f = 1MHz
VGE = 0
430
40
7
pF
pF
pF
QG
Gat e Charge
VCE = 960 V
IC =7 A
VGE = 15 V
29
nC
ICL
Lat ching Current
Vclamp =960 V
RG=1k
Tj = 150
oC
10
A
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(on)
tr
Delay Time
Rise Time
VCC = 960 V
IC =7 A
VGE=15 V
RG =1 K
570
270
ns
ns
(di/dt)on
Eon
Turn-on Current Slope
Turn-on
Switching Losses
VCC =960 V
I C =7 A
RG =1 K
VGE =15 V
Tj =125
oC
800
3.2
A/
µs
mJ
STGD7NB120S-1
2/6


Similar Part No. - STGD7NB120S-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB120S-1 STMICROELECTRONICS-STGD7NB120S-1 Datasheet
116Kb / 6P
   N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
STGD7NB120S-1_0008 STMICROELECTRONICS-STGD7NB120S-1_0008 Datasheet
116Kb / 6P
   N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
More results

Similar Description - STGD7NB120S-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB120S-1_0008 STMICROELECTRONICS-STGD7NB120S-1_0008 Datasheet
116Kb / 6P
   N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
STGD7NB60H-1 STMICROELECTRONICS-STGD7NB60H-1 Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
STGD7NB60S STMICROELECTRONICS-STGD7NB60S Datasheet
289Kb / 8P
   N-CHANNEL 7A - 600V DPAK Power MESH IGBT
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
   N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY??MOSFET
STGP7NB120SD STMICROELECTRONICS-STGP7NB120SD Datasheet
244Kb / 8P
   N-CHANNEL 7A - 1200V - TO-220 PowerMESH??IGBT
STGD5NB120SZ STMICROELECTRONICS-STGD5NB120SZ Datasheet
350Kb / 13P
   N-CHANNEL 5A -1200V DPAK/IPAK INTERNALLY CLAMPED PowerMESH IGBT
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
   N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH??MOSFET
logo
Intersil Corporation
HGTG30N120D2 INTERSIL-HGTG30N120D2 Datasheet
40Kb / 5P
   30A, 1200V N-Channel IGBT
April 1995
HGTG20N120E2 INTERSIL-HGTG20N120E2 Datasheet
167Kb / 5P
   34A, 1200V N-Channel IGBT
April 1995
logo
STMicroelectronics
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD Datasheet
322Kb / 8P
   N-CHANNEL 3A - 600V DPAK Power MESH IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com