Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502R29W1R0KV6R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 502R29W1R0KV6R
Description  HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

502R29W1R0KV6R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  502R29W1R0KV6R Datasheet HTML 1Page - List of Unclassifed Manufacturers 502R29W1R0KV6R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
www.johanson dielectrics.com
HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
These high voltage capacitors feature a special internal
electrode design which reduces voltage concentrations by
distributing voltage gradients throughout the entire capacitor.
This unique design also affords increased capacitance values
in a given case size and voltage rating. The capacitors are
designed and manufactured to the general requirement of
EIA198 and are subjected to a 100% electrical testing making
them well suited for a wide variety of telecommunication,
commercial, and industrial applications.
APPLICATIONS
• Analog & Digital Modems
• LAN/WAN Interface
• Lighting Ballast Circuits
• Voltage Multipliers
• DC-DC Converters
• Back-lighting Inverters
Mechanical Characteristics
Available Capacitance
Rated
Voltage
NPO Dielectric
X7R Dielectric
Minimum
Maximum
Minimum
Maximum
R15/0805
Inches
(mm)
250 VDC
-
-
1000 pF
0.022 µF
L
.080 ±.010
(2.03 ±.25)
500 VDC
10 pF
680 pF
1000 pF
0.010 µF
W
.050 ±.010
(1.27 ±.25)
630 VDC
10 pF
560 pF
1000 pF
3900 pF
T
.055 Max.
(1.40)
1000 VDC
10 pF
390 pF
100 pF
2700 pF
E/B
.020 ±.010
(0.51±.25)
R18/1206
Inches
(mm)
250 VDC
-
-
1000 pF
0.068 µF
L
.125 ±.010
(3.17 ±.25)
500 VDC
10 pF
1500 pF
1000 pF
0.027 µF
W
.062 ±.010
(1.57 ±.25)
630 VDC
10 pF
1200 pF
1000 pF
0.010 µF
T
.067 Max.
(1.70)
1000 VDC
10 pF
1000 pF
100 pF
6800 pF
E/B
.020 ±.010
(0.51±.25)
2000 VDC
10 pF
220 pF
100 pF
1000 pF
3000 VDC
10 pF
82 pF
100 pF
220 pF
S41/1210
Inches
(mm)
250 VDC
-
-
1000 pF
0.120 µF
L
.125 ±.010
(3.18 ±.25)
500 VDC
10 pF
3900 pF
1000 pF
0.047 µF
W
.095 ±.010
(2.41 ±.25)
630 VDC
10 pF
2700 pF
1000 pF
0.027 µF
T
.080 Max.
(2.03)
1000 VDC
10 pF
1800 pF
100 pF
0.018 µF
E/B
.020 ±.010
(0.51±.25)
2000 VDC
10 pF
560 pF
100 pF
6800 pF
3000 VDC
10 pF
220 pF
100 pF
560 pF
R29/1808
500 VDC
10 pF
4700 pF
1000 pF
0.056 µF
Inches
(mm)
630 VDC
10 pF
3300 pF
1000 pF
0.039 µF
L
.180 ±.010
(4.57 ±.25)
1000 VDC
1.0 pF
2200 pF
100 pF
0.018 µF
W
.080 ±.010
(2.03 ±.25)
2000 VDC
1.0 pF
820 pF
100 pF
6800 pF
T
.080 Max.
(2.03)
3000 VDC
1.0 pF
470 pF
100 pF
3300 pF
E/B
.020 ±.010
(0.51±.25)
4000 VDC
1.0 pF
180 pF
100 pF
270 pF
5000 VDC
1.0 pF
75 pF
100 pF
120 pF
Available capacitance values include the following significant retma values and their multiples:
1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 ( 1.0 = 1.0, 10, 100, 1000, etc.)
Consult factory for non-retma values and sizes or voltages not shown.
NOW AVAILABLE with Polyterm® soft termination option for
demanding environments & processes. Visit our website for full details.


Similar Part No. - 502R29W1R0KV6R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
502R29W101JV3E ETC2-502R29W101JV3E Datasheet
82Kb / 2P
   SAFETY CERTIFIED CAPACITORS
502R29W101JV4E ETC2-502R29W101JV4E Datasheet
82Kb / 2P
   SAFETY CERTIFIED CAPACITORS
502R29W101KV3E ETC2-502R29W101KV3E Datasheet
82Kb / 2P
   SAFETY CERTIFIED CAPACITORS
502R29W101KV4E ETC2-502R29W101KV4E Datasheet
82Kb / 2P
   SAFETY CERTIFIED CAPACITORS
502R29W101MV3E ETC2-502R29W101MV3E Datasheet
82Kb / 2P
   SAFETY CERTIFIED CAPACITORS
More results

Similar Description - 502R29W1R0KV6R

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
302S43W332KV4E JOHANSON-302S43W332KV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC
302R29W102KV4E JOHANSON-302R29W102KV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC
102S41W103KV4E JOHANSON-102S41W103KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
202S43W472KV4E JOHANSON-202S43W472KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R18W223KV4E JOHANSON-501R18W223KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
S-1KV JOHANSON-S-1KV Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R18W103KV4E JOHANSON-501R18W103KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
101S41 JOHANSON-101S41 Datasheet
130Kb / 4P
   SURFACE MOUNT MLCCS 16 - 200 VDC
201R14W102MV4T JOHANSON-201R14W102MV4T Datasheet
130Kb / 4P
   SURFACE MOUNT MLCCS 16 - 200 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com