Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT406M07513 Datasheet(PDF) 10 Page - Cornell Dubilier Electronics

Part # TAT406M07513
Description  Wet Tantalum Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAT406M07513 Datasheet(HTML) 10 Page - Cornell Dubilier Electronics

Back Button TAT406M07513 Datasheet HTML 4Page - Cornell Dubilier Electronics TAT406M07513 Datasheet HTML 5Page - Cornell Dubilier Electronics TAT406M07513 Datasheet HTML 6Page - Cornell Dubilier Electronics TAT406M07513 Datasheet HTML 7Page - Cornell Dubilier Electronics TAT406M07513 Datasheet HTML 8Page - Cornell Dubilier Electronics TAT406M07513 Datasheet HTML 9Page - Cornell Dubilier Electronics TAT406M07513 Datasheet HTML 10Page - Cornell Dubilier Electronics TAT406M07513 Datasheet HTML 11Page - Cornell Dubilier Electronics TAT406M07513 Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types TAT and TAX Wet Tantalum Capacitor –CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Performance Testing
Seal: MIL-STD-202 - Method 112
Conditions A, or D, and C
Specified Pulse Shock Test: MIL-STD-202 - Method 213 includes the following:
Condition D (500g’s)
Mount the capacitor by its body securely on a fixture taking special care not to squeeze the leads.
While testing apply DC rated voltage. Record whether open or short circuiting, arching, or intermittent contact
occurs. Use detecting equipment capable of detecting a disruption at a period of time up to 0.5 ms.
At the conclusion of testing examine the capacitors for evidence of arcing, breakdown, or mechanical damage.
Thermal Shock: MIL-STD-202 – Method 107, Condition A (with step 3 at +125°C)
In accordance with MIL-PRF-39006, the following shall apply:.
Take measurements before and after cycling.
Take measurements at 15-minute intervals at 300 cycles (Group C).
Take final measurements at room temperature.
High Frequency Vibration: MIL-STD-202 - Method 204 includes the following:
Condition H (80g’s)
Mount the capacitor body securely on a fixture with the leads firmly supported.
Apply DC rated voltage while measuring specific electrical load conditions.
The vibration duration is 4 hours in two perpendicular directions for an overall time of 8 hours.
Take measurements during the last cycle vibration to determine open, short-circuiting or intermittent operation.
Use detecting equipment capable of detecting a disruption at a period of time of 0.5ms or greater. Assess the
units for mechanical damage and test for these electrical requirements:.
o DC Leakage — Not greater than 1.25 initial limit
o Capacitance — No change greater than ±5% of the initial limit
o DF — Not greater than 1.15 of initial limit
Random Vibration: MIL-STD-202 – Method 214
Test condition II-K (51 g’s)
Salt atmosphere: MIL-STD-202 – Method 101
Condition B 48 hours
Solderability: MIL-STD-202 – Method 208
Test both terminations with the insertion depth of flux and solder within .062" of welded seam.
Lead Terminal Strength:
Pull Test: MIL-STD-202 – Method 211, condition A
Wire-lead bend: Per MIL-PRF-39006.
During the test securely clamp the capacitor body. Apply a force of 3 pounds or 1.4 kg for 30 seconds.
Moisture resistance: MIL-STD-202- Method 106, which includes the following:
Mount the capacitor body securely on a fixture taking special care not to squeeze the leads.
Apply 6 volts, polarizing and load voltage
At the time of the capacitors complete their final cycle remove them from the humidity chamber and measure per
MIL-PRF-30006 for DC Leakage, dissipation factor, and capacitance.
o DCL: 125% (Maximum) of +25°C value of standard ratings table
o ∆Cap: Within ±8% of initial measurement
o DF: 115% (maximum) of initial requirement


Similar Part No. - TAT406M07513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT406M07513 ETC2-TAT406M07513 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT406M07513

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com