Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMR100A Datasheet(PDF) 4 Page - SunLED Corporation

Part # DMR100A
Description  100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR100A Datasheet(HTML) 4 Page - SunLED Corporation

  DMR100A Datasheet HTML 1Page - SunLED Corporation DMR100A Datasheet HTML 2Page - SunLED Corporation DMR100A Datasheet HTML 3Page - SunLED Corporation DMR100A Datasheet HTML 4Page - SunLED Corporation DMR100A Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.SunLED.com
Published Date : MAR 12,2008
Drawing No : SDSA0764
V5
Checked : Shin Chi
P.4/5
Part Number:
DMR100A
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DMR100A
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - DMR100A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR100A-A SUNLED-DMR100A-A Datasheet
228Kb / 5P
   100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR100A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR100A SUNLED-DUR100A Datasheet
220Kb / 5P
   100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DUR100C-A SUNLED-DUR100C-A Datasheet
220Kb / 5P
   100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DUG100C-A SUNLED-DUG100C-A Datasheet
210Kb / 5P
   100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
DUR100A-A SUNLED-DUR100A-A Datasheet
220Kb / 5P
   100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DUY100C-A SUNLED-DUY100C-A Datasheet
210Kb / 5P
   100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
DUG100A-A SUNLED-DUG100A-A Datasheet
210Kb / 5P
   100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
DUG100C SUNLED-DUG100C Datasheet
210Kb / 5P
   100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
DUY100A-A SUNLED-DUY100A-A Datasheet
209Kb / 5P
   100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
DUR100C SUNLED-DUR100C Datasheet
220Kb / 5P
   100mm(4.0")SINGLE DIGIT NUMERIC DISPLAY
DMR100A-A SUNLED-DMR100A-A Datasheet
228Kb / 5P
   100mm (4.0) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com