Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMR57A Datasheet(PDF) 4 Page - SunLED Corporation

Part # DMR57A
Description  56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR57A Datasheet(HTML) 4 Page - SunLED Corporation

  DMR57A Datasheet HTML 1Page - SunLED Corporation DMR57A Datasheet HTML 2Page - SunLED Corporation DMR57A Datasheet HTML 3Page - SunLED Corporation DMR57A Datasheet HTML 4Page - SunLED Corporation DMR57A Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Published Date : MAR 04, 2008
Drawing No : SDSA2174
V6
Checked : Shin Chi
P.4/5
Part Number:
DMR57A
56.9mm (2.3”) SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - DMR57A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR57A-A SUNLED-DMR57A-A Datasheet
213Kb / 5P
   57mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR57A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUY57A SUNLED-DUY57A Datasheet
204Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUG57A SUNLED-DUG57A Datasheet
198Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUR57C SUNLED-DUR57C Datasheet
207Kb / 5P
   56.9mm (2.3?? SINGLE DIGIT NUMERIC DISPLAY
DUG57C SUNLED-DUG57C Datasheet
198Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUR57A SUNLED-DUR57A Datasheet
207Kb / 5P
   56.9mm (2.3?? SINGLE DIGIT NUMERIC DISPLAY
DMR57C SUNLED-DMR57C Datasheet
207Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUY57C SUNLED-DUY57C Datasheet
204Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA23-12SRWA KINGBRIGHT-SA23-12SRWA Datasheet
139Kb / 4P
   56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-12EWA KINGBRIGHT-SA23-12EWA Datasheet
124Kb / 4P
   56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-12SRWA KINGBRIGHT-SC23-12SRWA Datasheet
234Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com