Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUR76A Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUR76A
Description  76.2mm (3.0") SINGLE DIGIT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUR76A Datasheet(HTML) 1 Page - SunLED Corporation

  DUR76A Datasheet HTML 1Page - SunLED Corporation DUR76A Datasheet HTML 2Page - SunLED Corporation DUR76A Datasheet HTML 3Page - SunLED Corporation DUR76A Datasheet HTML 4Page - SunLED Corporation DUR76A Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SunLED.com
Published Date : MAR 17,2008
Drawing No :SDSA2179
V3
Checked : Shin Chi
P.1/5
Part Number:
DUR76A
76.2mm (3.0") SINGLE DIGIT DISPLAY
Features
3.0 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
CATEGORIZED FOR LUMINOUS INTENSITY.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUR76A
Red
GaAsP/GaP
3000
13990
627
Common Anode, Rt. Hand Decimal
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
Per Segment or (Dp and Comma)
(IF=10mA)
VF
11.4
(3.8)
V
Forward Voltage (Max.)
Per Segment or (Dp and Comma)
(IF=10mA)
VF
15.0
(5.0)
V
Reverse Current
Per Segment or (Dp and Comma)
(VR=30(10)V)
IR
10
(10)
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
627
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
625
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Absolute maximum ratings
(TA=25°C)
UR
(GaAsP/GaP)
Unit
Reverse Voltage
Per Segment or (Dp and Comma)
VR
30
(10)
V
Forward Current
Per Segment or (Dp and Comma)
IF
30
(30)
mA
Forward Current (Peak)
Per Segment or (Dp and Comma)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
(160)
mA
Power Dissipation
Per Segment or (Dp and Comma)
PT
450
(150)
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
R.
CHE
N
數位簽署者:R.
CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn
.kingbright.com,
c=<無>
日期︰2008.03.18
09:16:53 +08'00'


Similar Part No. - DUR76A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR76C SUNLED-DUR76C Datasheet
214Kb / 5P
   76.2mm (3.0") SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com