Electronic Components Datasheet Search |
|
CAX-3.2-0.33 Datasheet(PDF) 1 Page - Nuvotem Talema |
|
CAX-3.2-0.33 Datasheet(HTML) 1 Page - Nuvotem Talema |
1 / 3 page CA Series common mode toroidal chokes provide an efficient means of filtering supply lines having in-phase signals of equal amplitude thus allowing equipment to meet stringent electrical radiation specifications. Wide frequency ranges can be filtered by using high and low inductance Common Mode toroids in series. Differential mode signals can be attenuated substantially when used together with input and output capacitors. Features • Separated windings for minimum capacitance • Meets requitements of EN138100, VDE 0565, part2: 1997-03 and UL1283 • Competitive pricing due to high volume production • Manufactured in ISO-9001:2000, TS-16949:2002 and ISO-14001:2004 certified Talema facility • Fully RoHS compliant CA Series • Common Mode Toroidal Chokes r e b m u N t r a P I C D p m A L O ) H m ( % 0 3 ± ) x 2 ( R C D m h O m ) x 2 ( e z i S l i o C . t H x . D . O ) l a n i m o N ( e l y t S . g t M e z i S r e b m u N t r a P I C D p m A L O ) H m ( % 0 3 ± ) x 2 ( R C D m h O m ) x 2 ( e z i S l i o C . t H x . D . O ) l a n i m o N ( e l y t S . g t M e z i S BX / VF B X / VF 7 2 - 5 . 0 - _ _ A C 5 . 0 7 2 9 7 1 , 1 8 x 4 1 3 2 2 0 0 1 - 4 . 0 - _ _ A C4 . 00 0 17 0 8 , 27 x 8 13 3 3 7 2 - 8 . 0 - _ _ A C8 . 07 24 7 67 x 8 13 3 3 0 0 1 - 5 . 0 - _ _ A C 5 . 0 0 0 1 4 4 0 , 2 1 1 x 3 2 5 4 4 7 2 - 0 . 1 - _ _ A C 0 . 1 7 2 7 3 5 1 1 x 3 2 5 4 4 0 0 1 - 6 . 0 - _ _ A C6 . 00 0 13 4 5 , 13 1 x 9 25 A 46 7 2 - 4 . 1 - _ _ A C4 . 17 29 7 24 1 x 0 35 A 46 0 0 1 - 4 . 1 - _ _ A C 4 . 1 0 0 1 4 8 4 6 1 x 5 3 8 9 9 7 2 - 2 . 3 - _ _ A C 2 . 3 7 2 7 8 7 1 x 7 3 8 9 9 2 2 - 5 . 0 - _ _ A C5 . 02 20 6 98 x 4 13 2 2 2 8 - 4 . 0 - _ _ A C 4 . 0 2 8 7 6 1 , 1 8 x 5 1 3 3 3 2 2 - 9 . 0 - _ _ A C 9 . 0 2 2 2 4 5 7 x 8 1 3 3 3 2 8 - 5 . 0 - _ _ A C5 . 02 81 5 8 , 11 1 x 3 25 4 4 2 2 - 0 . 1 - _ _ A C0 . 12 25 8 41 1 x 3 25 4 4 2 8 - 6 . 0 - _ _ A C 6 . 0 2 8 7 9 3 , 1 3 1 x 9 2 5 A 4 6 2 2 - 5 . 1 - _ _ A C 5 . 1 2 2 7 2 2 4 1 x 0 3 5 A 4 6 2 8 - 6 . 1 - _ _ A C6 . 12 80 5 36 1 x 5 38 9 9 2 2 - 6 . 3 - _ _ A C6 . 32 20 77 1 x 7 38 9 9 8 6 - 3 . 0 - _ _ A C 3 . 0 8 6 2 9 6 , 3 8 x 5 1 3 2 2 8 1 - 6 . 0 - _ _ A C 6 . 0 8 1 8 6 8 8 x 4 1 3 2 2 8 6 - 5 . 0 - _ _ A C5 . 08 63 5 8 , 17 x 8 13 3 3 8 1 - 0 . 1 - _ _ A C0 . 18 19 3 47 x 8 13 3 3 8 6 - 6 . 0 - _ _ A C 6 . 0 8 6 3 5 3 , 1 1 1 x 3 2 5 4 4 8 1 - 1 . 1 - _ _ A C 1 . 1 8 1 8 8 3 1 1 x 3 2 5 4 4 8 6 - 7 . 0 - _ _ A C7 . 08 68 0 1 , 13 1 x 9 25 A 46 8 1 - 6 . 1 - _ _ A C6 . 18 15 0 24 1 x 0 35 A 46 8 6 - 8 . 1 - _ _ A C 8 . 1 8 6 7 7 2 6 1 x 5 3 8 9 9 8 1 - 9 . 3 - _ _ A C 9 . 3 8 1 7 5 7 1 x 6 3 8 9 9 6 5 - 3 . 0 - _ _ A C3 . 06 56 2 1 , 38 x 4 13 2 2 5 1 - 6 . 0 - _ _ A C6 . 05 13 9 78 x 4 13 2 2 6 5 - 5 . 0 - _ _ A C 5 . 0 6 5 8 1 5 , 1 7 x 8 1 3 3 3 5 1 - 0 . 1 - _ _ A C 0 . 1 5 1 1 0 4 7 x 8 1 3 3 3 6 5 - 6 . 0 - _ _ A C6 . 06 58 7 3 , 11 1 x 3 25 4 4 5 1 - 2 . 1 - _ _ A C2 . 15 15 1 31 1 x 3 25 4 4 6 5 - 8 . 0 - _ _ A C 8 . 0 6 5 7 0 8 3 1 x 9 2 5 A 4 6 5 1 - 8 . 1 - _ _ A C 8 . 1 5 1 7 6 1 4 1 x 0 3 5 A 4 6 6 5 - 0 . 2 - _ _ A C0 . 26 58 2 26 1 x 5 38 9 9 5 1 - 3 . 4 - _ _ A C3 . 45 17 47 1 x 6 38 9 9 7 4 - 4 . 0 - _ _ A C 4 . 0 7 4 2 4 9 , 1 8 x 4 1 3 2 2 2 1 - 7 . 0 - _ _ A C 7 . 0 2 1 9 0 7 8 x 4 1 3 2 2 7 4 - 5 . 0 - _ _ A C5 . 07 40 9 3 , 17 x 8 13 3 3 2 1 - 1 . 1 - _ _ A C1 . 12 18 5 37 x 8 13 3 3 7 4 - 6 . 0 - _ _ A C 6 . 0 7 4 1 0 0 , 1 1 1 x 3 2 5 4 4 2 1 - 4 . 1 - _ _ A C 4 . 1 2 1 3 5 2 1 1 x 3 2 5 4 4 7 4 - 9 . 0 - _ _ A C9 . 07 48 5 63 1 x 9 25 A 46 2 1 - 9 . 1 - _ _ A C9 . 12 19 4 13 1 x 0 35 A 46 7 4 - 2 . 2 - _ _ A C 2 . 2 7 4 5 8 1 6 1 x 5 3 8 9 9 2 1 - 9 . 4 - _ _ A C 9 . 4 2 1 7 3 7 1 x 6 3 8 9 9 9 3 - 4 . 0 - _ _ A C4 . 09 39 6 7 , 18 x 4 13 2 2 0 1 - 7 . 0 - _ _ A C7 . 00 17 4 68 x 4 13 2 2 9 3 - 5 . 0 - _ _ A C 5 . 0 9 3 7 6 2 , 1 7 x 8 1 3 3 3 0 1 - 2 . 1 - _ _ A C 2 . 1 0 1 5 8 2 7 x 8 1 3 3 3 9 3 - 6 . 0 - _ _ A C6 . 09 32 1 91 1 x 3 25 4 4 0 1 - 6 . 1 - _ _ A C6 . 10 13 0 21 1 x 3 25 4 4 9 3 - 0 . 1 - _ _ A C 0 . 1 9 3 7 3 5 3 1 x 9 2 5 A 4 6 0 1 - 0 . 2 - _ _ A C 0 . 2 0 1 6 3 1 3 1 x 9 2 5 A 4 6 9 3 - 5 . 2 - _ _ A C5 . 29 30 5 17 1 x 6 38 9 9 0 1 - 0 . 5 - _ _ A C0 . 50 14 37 1 x 6 38 9 9 3 3 - 4 . 0 - _ _ A C 4 . 0 3 3 8 2 6 , 1 8 x 4 1 3 2 2 8 . 6 - 1 . 1 - _ _ A C 1 . 1 8 . 6 2 4 3 8 x 4 1 3 2 2 3 3 - 6 . 0 - _ _ A C6 . 03 37 3 87 x 8 13 3 3 8 . 6 - 3 . 1 - _ _ A C3 . 18 . 65 3 27 x 8 13 3 3 3 3 - 7 . 0 - _ _ A C 7 . 0 3 3 1 5 7 1 1 x 3 2 5 4 4 8 . 6 - 0 . 2 - _ _ A C 0 . 2 8 . 6 8 4 1 1 1 x 3 2 5 4 4 3 3 - 1 . 1 - _ _ A C1 . 13 34 3 43 1 x 9 25 5 6 8 . 6 - 6 . 2 - _ _ A C6 . 28 . 69 73 1 x 0 35 A 46 3 3 - 7 . 2 - _ _ A C 7 . 2 3 3 4 2 1 7 1 x 6 3 8 9 9 8 . 6 - 5 . 5 - _ _ A C 5 . 5 9 . 6 8 2 6 1 x 5 3 8 9 9 Electrical Specifications @ 25°C Test frequency: Inductance measured at 0.10VAC @ 10kHz Test voltage between windings: 1,500 VAC for 60 seconds Operating temperature: -40°C to +125°C Climatic category: IEC68-1 40/125/56 THE TALEMA GROUP • Magnetic Components for Universal Applications |
Similar Part No. - CAX-3.2-0.33 |
|
Similar Description - CAX-3.2-0.33 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |