Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT606J05013 Datasheet(PDF) 9 Page - Cornell Dubilier Electronics

Part # TAT606J05013
Description  Wet Tantalum Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAT606J05013 Datasheet(HTML) 9 Page - Cornell Dubilier Electronics

Back Button TAT606J05013 Datasheet HTML 4Page - Cornell Dubilier Electronics TAT606J05013 Datasheet HTML 5Page - Cornell Dubilier Electronics TAT606J05013 Datasheet HTML 6Page - Cornell Dubilier Electronics TAT606J05013 Datasheet HTML 7Page - Cornell Dubilier Electronics TAT606J05013 Datasheet HTML 8Page - Cornell Dubilier Electronics TAT606J05013 Datasheet HTML 9Page - Cornell Dubilier Electronics TAT606J05013 Datasheet HTML 10Page - Cornell Dubilier Electronics TAT606J05013 Datasheet HTML 11Page - Cornell Dubilier Electronics TAT606J05013 Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types TAT and TAX Wet Tantalum Capacitor –
CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
TAX (CLR81)
Maximum %
Capacitance
Change from Room
Temperature
Part Number MIL-C-
M39006/25 Failure Rate
Level/%1000 Hours
CDE Commercial
Part Number
Cap
(µF)
Cap
Tol
(±)
Case
Code
Max
DF
%
Max ESR
@+25ºC
(Ω)
Maximum DC
Leakage
(µA)
Max Ripple
@ +85°C
40kHz
(mA)
+25°C
+85°C
&
+125°C
-55°C +85°C +125°C M (1.0) P (0.1) R (0.01)
30 Volts Maximum at 85°C(20 Volts at 125°C), Surge Voltage 34.5 at 85°C
TAX477M 03013
470
20
3
64
1.81
8
32
1500
-65
+20
+25
0045
0133
0221
TAX477K 03013
470
10
3
64
1.81
8
32
1500
-65
+20
+25
0046
0134
0222
TAX567M 03014
560
20
4
55
1.30
9
36
2000
-65
+25
+30
0047
0135
0223
TAX567K 03014
560
10
4
55
1.30
9
36
2000
-65
+25
+30
0048
0136
0224
50 Volts Maximum at 85°C(30 Volts at 125°C), Surge Voltage 57.5 at 85°C
TAX336M 05011
33
20
1
12.3
4.95
2
9
700
-29
+10
+12
0049
0137
0225
TAX336K 05011
33
10
1
12.3
4.95
2
9
700
-29
+10
+12
0050
0138
0226
TAX127M 05012
120
20
2
22.5
2.49
4
24
1200
-42
+12
+15
0051
0139
0227
TAX127K 05012
120
10
2
22.5
2.49
4
24
1200
-42
+12
+15
0052
0140
0228
TAX277M 05013
270
20
3
37
1.82
8
32
1450
-46
+20
+25
0053
0141
0229
TAX277K 05013
270
10
3
37
1.82
8
32
1450
-46
+20
+25
0054
0142
0230
TAX337M 05014
330
20
4
38
1.53
9
36
1900
-46
+25
+30
0055
0143
0231
TAX337K 05014
330
10
4
38
1.53
9
36
1900
-46
+25
+30
0056
0144
0232
60 Volts Maximum at 85°C(40 Volts at 125°C), Surge Voltage 69 at 85°C
TAX276M 06011
27
20
1
10.2
5.01
3
12
700
-24
+10
+12
0057
0145
0233
TAX276K 06011
27
10
1
10.2
5.01
3
12
700
-24
+10
+12
0058
0146
0234
TAX107M 06012
100
20
2
19
2.52
4
20
1100
-36
+12
+15
0059
0147
0235
TAX107K 06012
100
10
2
19
2.52
4
20
1100
-36
+12
+15
0060
0148
0236
TAX227M 06013
220
20
3
30
1.81
8
32
1400
-40
+16
+20
0061
0149
0237
TAX227K 06013
220
10
3
30
1.81
8
32
1400
-40
+16
+20
0062
0150
0238
TAX277M 06014
270
20
4
27
1.33
9
36
1850
-45
+20
+25
0063
0151
0239
TAX277K 06014
270
10
4
27
1.33
9
36
1850
-45
+20
+25
0064
0152
0240
75 Volts Maximum at 85°C(50 Volts at 125°C), Surge Voltage 86.2 at 85°C
TAX226M 07511
22
20
1
8.5
5.13
3
12
600
-19
+10
+12
0065
0153
0241
TAX226K 07511
22
10
1
8.5
5.13
3
12
600
-19
+10
+12
0066
0154
0242
TAX826M 07512
82
20
2
15.2
2.46
4
24
1000
-30
+12
+15
0067
0155
0243
TAX826K 07512
82
10
2
15.2
2.46
4
24
1000
-30
+12
+15
0068
0156
0244
TAX187M 07513
180
20
3
24.4
1.80
9
36
1300
-35
+16
+20
0069
0157
0245
TAX187K 07513
180
10
3
24.4
1.80
9
36
1300
-35
+16
+20
0070
0158
0246
TAX227M 07514
220
20
4
37
2.23
10
40
1800
-40
+20
+25
0071
0159
0247
TAX227K 07514
220
10
4
37
2.23
10
40
1800
-40
+20
+25
0072
0160
0248
100 Volts Maximum at 85°C(65Volts at 125°C), Surge Voltage 115 at 85°C
TAX106M10011
10
20
1
4.5
5.97
3
12
800
-17
+10
+12
0073
0161
0249
TAX106K10011
10
10
1
4.5
5.97
3
12
800
-17
+10
+12
0074
0162
0250
TAX396M10012
39
20
2
10.4
3.54
5
24
1300
-20
+12
+15
0075
0163
0251
TAX396K10012
39
10
2
10.4
3.54
5
24
1300
-20
+12
+15
0076
0164
0252
TAX686M10013
68
20
3
11.3
2.21
10
40
1600
-30
+14
+16
0077
0165
0253
TAX686K10013
68
10
3
11.3
2.21
10
40
1600
-30
+14
+16
0078
0166
0254
TAX127M10014
120
20
4
25
2.76
12
48
2000
-35
+15
+17
0079
0167
0255
TAX127K10014
120
10
4
25
2.76
12
48
2000
-35
+15
+17
0080
0168
0256
125 Volts Maximum at 85°C(85 Volts at 125°C), Surge Voltage 144 at 85°C
TAX685M12511
6.8
20
1
6
11.71
3
12
700
-14
+10
+12
0081
0169
0257
TAX685K12511
6.8
10
1
6
11.71
3
12
700
-14
+10
+12
0082
0170
0258
TAX276M12512
27
20
2
7.2
3.54
5
24
1200
-18
+12
+15
0083
0171
0259
TAX276K12512
27
10
2
7.2
3.54
5
24
1200
-18
+12
+15
0084
0172
0260
TAX476M12513
47
20
3
7.9
2.23
10
40
1500
-26
+14
+16
0085
0173
0261
TAX476K12513
47
10
3
7.9
2.23
10
40
1500
-26
+14
+16
0086
0174
0262
TAX826M12514
82
20
4
17.4
2.82
12
48
1900
-30
+15
+17
0087
0175
0263
TAX826K12514
82
10
4
17.4
2.82
12
48
1900
-30
+15
+17
0088
0176
0264


Similar Part No. - TAT606J05013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT606J05013 ETC2-TAT606J05013 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT606J05013

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com