Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS83C320-WNR Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS83C320-WNR
Description  High-Speed Microcontroller User Guide
Download  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C320-WNR Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS83C320-WNR Datasheet HTML 4Page - Dallas Semiconductor DS83C320-WNR Datasheet HTML 5Page - Dallas Semiconductor DS83C320-WNR Datasheet HTML 6Page - Dallas Semiconductor DS83C320-WNR Datasheet HTML 7Page - Dallas Semiconductor DS83C320-WNR Datasheet HTML 8Page - Dallas Semiconductor DS83C320-WNR Datasheet HTML 9Page - Dallas Semiconductor DS83C320-WNR Datasheet HTML 10Page - Dallas Semiconductor DS83C320-WNR Datasheet HTML 11Page - Dallas Semiconductor DS83C320-WNR Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 175 page
background image
High-Speed Microcontroller User’s Guide
8 of 175
SFRs are accessed directly between 80h and FFh (128 to 255). The RAM locations between 128 and 255
can be reached through an indirect reference to those locations.
Scratchpad RAM is available for general purpose data storage. It is commonly used in place of off-chip
RAM when the total data contents are small. When off-chip RAM is needed, the Scratchpad area will
still provide the fastest general purpose access. Within the 256 bytes of RAM, there are several special
purpose areas. These are described as follows:
Bit Addressable Locations
In addition to direct register access, some individual bits are also accessible. These are individually
addressable bits in both the RAM and SFR area. In the Scratchpad RAM area, registers 20h to 2Fh are bit
addressable.
This provides 126 (16 * 8) individual bits available to software.
A bit access is
distinguished from a full register access by the type of instruction. Addressing modes are discussed in
Section 5. In the SFR area, any register location ending in a 0 or 8 is bit addressable. Figure 4-3 shows
details of the on-chip RAM addressing including the locations of individual RAM bits.
Working Registers
As part of the lower 128 bytes of RAM, there are four banks of Working Registers (each). The Working
registers are general purpose RAM locations that can be addressed in a special way. They are designated
R0 through R7. Since there are four banks, the currently selected bank will be used by any instruction
using R0-R7. This allows software to change context by simply switching banks. This is controlled via
the Program Status Word register in the SFR area described below. The Working Registers also allow
their contents to be used for indirect addressing of the upper 128 bytes of RAM. Thus an instruction can
designate the value stored in R0 (for example) to address the upper RAM. This value might be the result
of another calculation.
Stack
Another use of the Scratchpad area is for the programmer’s stack. This area is selected using the Stack
Pointer (SP;81h) SFR. Whenever a call or interrupt is invoked, the return address is placed on the Stack.
It also is available to the programmer for variables, etc. since the Stack can be moved, there is no fixed
location within the RAM designated as Stack. The Stack Pointer will default to 07h on reset. The user
can then move it as needed. A convenient location would be the upper RAM area (>7Fh) since this is
only available indirectly. The SP will point to the last used value. Therefore, the next value placed on
the Stack is put at SP + 1. Each PUSH or CALL will increment the SP by the appropriate value. Each
POP or RET will decrement as well.
MEMORY MAP Figure 4-1
64K
FFFFh
0000h
PROGRAM
MEMORY
DATA
MEMORY


Similar Part No. - DS83C320-WNR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520 Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
DS83C520 DALLAS-DS83C520 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS83C520 MAXIM-DS83C520 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results

Similar Description - DS83C320-WNR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390_00 Datasheet
769Kb / 155P
   High-Speed Microcontroller User?셲 Guide Supplement
logo
Maxim Integrated Produc...
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
UG5796 MAXIM-UG5796 Datasheet
2Mb / 240P
   Optical Microcontroller User?셲 Guide
Rev 0; 12/13
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com